Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 337Page - Renesas Technology Corp SH7708 Datasheet HTML 338Page - Renesas Technology Corp SH7708 Datasheet HTML 339Page - Renesas Technology Corp SH7708 Datasheet HTML 340Page - Renesas Technology Corp SH7708 Datasheet HTML 341Page - Renesas Technology Corp SH7708 Datasheet HTML 342Page - Renesas Technology Corp SH7708 Datasheet HTML 343Page - Renesas Technology Corp SH7708 Datasheet HTML 344Page - Renesas Technology Corp SH7708 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 633 page
background image
323
R64CNT is not initialized by a power-on reset or manual reset, or in standby mode.
Bit 7 always reads 0.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
1Hz
2Hz
4Hz
8Hz
16Hz
32Hz
64Hz
Initial value:
0
—
—
—
—
—
—
—
R/W:
R
R
R
R
R
R
R
R
12.2.2
Second Counter (RSECCNT)
The second counter (RSECCNT) is an 8-bit read/write register used for setting/counting in the
BCD-coded second section of the RTC. The count operation is performed by a carry for each
second of the 64 Hz counter.
The range that can be set is 00–59 (decimal). Errant operation will result if any other value is set.
Carry out write processing after halting the count operation with the START bit in RCR2, or
perform a write using the carry flag as shown in figure 12.2.
RSECCNT is not initialized by a power-on reset or manual reset, or in standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
10 seconds
1 second
Initial value:
0
—
—
—
—
—
—
—
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
12.2.3
Minute Counter (RMINCNT)
The minute counter (RMINCNT) is an 8-bit read/write register used for setting/counting in the
BCD-coded minute section of the RTC. The count operation is performed by a carry for each
minute of the second counter.
The range that can be set is 00–59 (decimal). Errant operation will result if any other value is set.
Carry out write processing after halting the count operation with the START bit in RCR2, or
perform a write using the carry flag as shown in figure 12.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com