Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 350 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 346Page - Renesas Technology Corp SH7708 Datasheet HTML 347Page - Renesas Technology Corp SH7708 Datasheet HTML 348Page - Renesas Technology Corp SH7708 Datasheet HTML 349Page - Renesas Technology Corp SH7708 Datasheet HTML 350Page - Renesas Technology Corp SH7708 Datasheet HTML 351Page - Renesas Technology Corp SH7708 Datasheet HTML 352Page - Renesas Technology Corp SH7708 Datasheet HTML 353Page - Renesas Technology Corp SH7708 Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 633 page
background image
332
12.2.16
RTC Control Register 2 (RCR2)
The RTC control register 2 (RCR2) is an 8-bit read/write register for periodic interrupt control, 30-
second adjustment ADJ, divider circuit RESET, and RTC count start/stop control. It is initialized
to H'09 by a power-on reset. It is not initialized by a manual reset or in standby mode, and retains
its contents.
Bit:
7
6
5
4
3
2
1
0
Bit name:
PEF
PES2
PES1
PES0
RTCEN
ADJ
RESET
START
Initial value:
0
0
0
0
1
0
0
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7—Periodic Interrupt Flag (PEF): Indicates interrupt generation with the period designated by
the PES bits. When set to 1, PEF generates periodic interrupts.
Bit 7: PEF
Description
0
Interrupts not generated with the period designated by the PES bits.
Clearing condition: When 0 is written to PEF
(Initial value)
1
Interrupts generated with the period designated by the PES bits.
Setting condition: When 1 is written to PEF
Bits 6–4—Periodic Interrupt Flags (PES2–PES0): These bits specify the periodic interrupt.
Bit 6: PES2
Bit 5: PES1
Bit 4: PES0
Description
0
0
0
No periodic interrupts generated (Initial value)
1
Periodic interrupt generated every 1/256 second
1
0
Periodic interrupt generated every 1/64 second
1
Periodic interrupt generated every 1/16 second
1
0
0
Periodic interrupt generated every 1/4 second
1
Periodic interrupt generated every 1/2 second
1
0
Periodic interrupt generated every 1 second
1
Periodic interrupt generated every 2 seconds
Bit 3—RTCEN: Controls the operation of the crystal oscillator for the RTC.
Bit 3: RTCEN
Description
0
Halts the crystal oscillator for the RTC.
1
Runs the crystal oscillator for the RTC.
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com