Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 343Page - Renesas Technology Corp SH7708 Datasheet HTML 344Page - Renesas Technology Corp SH7708 Datasheet HTML 345Page - Renesas Technology Corp SH7708 Datasheet HTML 346Page - Renesas Technology Corp SH7708 Datasheet HTML 347Page - Renesas Technology Corp SH7708 Datasheet HTML 348Page - Renesas Technology Corp SH7708 Datasheet HTML 349Page - Renesas Technology Corp SH7708 Datasheet HTML 350Page - Renesas Technology Corp SH7708 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 633 page
background image
329
Days of the week are coded as shown in table 12.4.
Table 12.4
Day-of-Week Codes (RWKAR)
Day of Week
Code
Sunday
0
Monday
1
Tuesday
2
Wednesday
3
Thursday
4
Friday
5
Saturday
6
12.2.13
Date Alarm Register (RDAYAR)
The date alarm register (RDAYAR) is an 8-bit read/write register, and an alarm register
corresponding to the BCD-coded date section counter RDAYCNT of the RTC. When the ENB bit
is set to 1, a comparison with the RDAYCNT value is performed. From among the registers
RSECAR, RMINAR, RHRAR, RWKAR, RDAYAR, RMONAR, the counter and alarm register
comparison is performed only on those with ENB bits set to 1, and if each of those coincide, an
RTC alarm interrupt is generated.
The range that can be set is 01–31 (decimal) + ENB bit. Errant operation will result if any other
value is set. The RDAYCNT range that can be set changes with some months and in leap years.
Please confirm the correct setting.
The ENB bit in RDAYAR is initialized by a power-on reset. The remaining RDAYAR fields are
not initialized by a power-on reset or manual reset, or in standby mode. Contents are retained in a
manual reset and in standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
ENB
—
10 days
1 day
Initial value:
0
0
—
—
—
—
—
—
R/W:
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com