Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 347Page - Renesas Technology Corp SH7708 Datasheet HTML 348Page - Renesas Technology Corp SH7708 Datasheet HTML 349Page - Renesas Technology Corp SH7708 Datasheet HTML 350Page - Renesas Technology Corp SH7708 Datasheet HTML 351Page - Renesas Technology Corp SH7708 Datasheet HTML 352Page - Renesas Technology Corp SH7708 Datasheet HTML 353Page - Renesas Technology Corp SH7708 Datasheet HTML 354Page - Renesas Technology Corp SH7708 Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 633 page
background image
333
Bit 2—30-Second Adjustment (ADJ): When 1 is written to the ADJ bit, times of 29 seconds or
less will be rounded to 00 seconds and 30 seconds or more to 1 minute. The divider circuit will be
simultaneously reset. This bit always reads 0.
Bit 2: ADJ
Description
0
Runs normally.
(Initial value)
1 (write)
30-second adjustment.
Bit 1—Reset (RESET): When 1 is written, initializes the divider circuit. This bit always reads 0.
Bit 1: RESET
Description
0
Runs normally.
(Initial value)
1
Divider circuit is reset.
Bit 0—Start Bit (START): Halts and restarts the counter (clock).
Bit 0: START
Description
0
Second, minute, hour, day, week, month, year counter halts.
1
Second, minute, hour, day, week, month, year counter runs normally.
(Initial value)
Note:
The 64-Hz counter always runs unless stopped with the RTCEN bit.
12.3
RTC Operation
12.3.1
Initial Settings of Registers after Power-On
All the registers should be set after the power is turned on.
12.3.2
Setting the Time
Part (a) in figure 12.2 shows how to set the time when the clock is stopped. This works when the
entire calendar or clock is to be set.
Part (b) in figure 12.2 describes how to set the clock when the clock is running. This works when
only part of the calendar or clock needs to be reset (e.g., changing only the seconds or only the
hour). The write status is checked using the carry flags. When there is a carry during the writing of
new data, the new data is automatically updated. Since this causes errors in the data, the data must
be rewritten if the carry flag is set to 1.
The interrupt function can be used to determine the status of the carry flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com