Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 352Page - Renesas Technology Corp SH7708 Datasheet HTML 353Page - Renesas Technology Corp SH7708 Datasheet HTML 354Page - Renesas Technology Corp SH7708 Datasheet HTML 355Page - Renesas Technology Corp SH7708 Datasheet HTML 356Page - Renesas Technology Corp SH7708 Datasheet HTML 357Page - Renesas Technology Corp SH7708 Datasheet HTML 358Page - Renesas Technology Corp SH7708 Datasheet HTML 359Page - Renesas Technology Corp SH7708 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 633 page
background image
338
12.4
Usage Notes
12.4.1
Flag Clearing
With the SH7708 (not including the SH7708S and SH7708R), the procedure shown in the
flowchart below should be used to clear the carry flag (CF) and alarm flag (AF) in realtime clock
(RTC) register RCR1 (RTC control register 1) and the peripheral interrupt flag (PEF) in register
RCR2 (RTC control register 2).
Wait for 63
µs or more
Entire lot
1. Transition to standby mode
2. Change STC0, STC1 in FEQCR (frequency control register)
3. Change MSTP1 in STBCR (standby control register)
Clear AF flag
Figure 12.6 AF Flag Clearing
If an interval of at least 63 µs is not allowed, the AF flag may not be set even if the setting
conditions are satisfied. Use the same procedure for clearing the CF and PEF flags.
12.4.2
Register Writes during RTC Count
In the SH7708 Series (SH7708, SH7708S, and SH7708R), the following RTC registers cannot be
written to while the RTC is counting (while bit 0 of RCR2 = 1).
RSECCNT, RMINCNT, RHRCNT, RDAYCNT, RWKCNT, RMONCNT, RYRCNT
The RTC count must be stopped before writing to any of these registers.
12.4.3
Usage Note about Periodic Interrupt on RTC
Figure 12.7 shows how to use the periodic interrupt function.
The periodic interrupt function can occur the interrupt periodically which designated by
RCR2.PES bits. RCR2.PEF bit is set to 1 after the period designated by the RCR2.PES bits or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com