Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 358Page - Renesas Technology Corp SH7708 Datasheet HTML 359Page - Renesas Technology Corp SH7708 Datasheet HTML 360Page - Renesas Technology Corp SH7708 Datasheet HTML 361Page - Renesas Technology Corp SH7708 Datasheet HTML 362Page - Renesas Technology Corp SH7708 Datasheet HTML 363Page - Renesas Technology Corp SH7708 Datasheet HTML 364Page - Renesas Technology Corp SH7708 Datasheet HTML 365Page - Renesas Technology Corp SH7708 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 633 page
background image
344
13.2
Register Descriptions
13.2.1
Receive Shift Register (SCRSR)
The receive shift register (SCRSR) receives serial data. Data input at the RxD pin is loaded into
SCRSR in the order received, LSB (bit 0) first, converting the data to parallel form. When one
byte has been received, it is automatically transferred to SCRDR. The CPU cannot read or write
SCRSR directly.
Bit:
7
6
5
4
3
2
1
0
Bit name:
R/W:
—
—
—
—
—
—
—
—
13.2.2
Receive Data Register (SCRDR)
The receive data register (SCRDR) stores serial receive data. The SCI completes the reception of
one byte of serial data by moving the received data from the receive shift register (SCRSR) into
SCRDR for storage. SCRSR is then ready to receive the next data. This double buffering allows
the SCI to receive data continuously.
The CPU can read but not write to SCRDR. SCRDR is initialized to H'00 by a reset and in standby
or module standby mode.
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
13.2.3
Transmit Shift Register (SCTSR)
The transmit shift register (SCTSR) transmits serial data. The SCI loads transmit data from the
transmit data register (SCTDR) into SCTSR, then transmits the data serially from the TxD pin,
LSB (bit 0) first. After transmitting one data byte, the SCI automatically loads the next transmit
data from SCTDR into SCTSR and starts transmitting again. If the TDRE bit in SCSSR is 1,
however, the SCI does not load the SCTDR contents into SCTSR. The CPU cannot read or write
to SCTSR directly.
Bit:
7
6
5
4
3
2
1
0
Bit name:
R/W:
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com