Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 368Page - Renesas Technology Corp SH7708 Datasheet HTML 369Page - Renesas Technology Corp SH7708 Datasheet HTML 370Page - Renesas Technology Corp SH7708 Datasheet HTML 371Page - Renesas Technology Corp SH7708 Datasheet HTML 372Page - Renesas Technology Corp SH7708 Datasheet HTML 373Page - Renesas Technology Corp SH7708 Datasheet HTML 374Page - Renesas Technology Corp SH7708 Datasheet HTML 375Page - Renesas Technology Corp SH7708 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 633 page
background image
354
Bit 2—Transmit End (TEND): Indicates that when the last bit of a serial character was
transmitted, SCTDR did not contain valid data, so transmission has ended. TEND is a read-only
bit and cannot be written.
Bit 2: TEND
Description
0
Transmission is in progress.
TEND is cleared to 0 when software reads TDRE after it has been set to 1, then
writes 0 in TDRE, or data is written in SCTDR.
1
End of transmission.
(Initial value)
TEND is set to 1 when the chip is reset or enters standby mode, TE is cleared to
0 in the serial control register (SCSCR), or TDRE is 1 when the last bit of a one-
byte serial character is transmitted.
Bit 1—Multiprocessor Bit (MPB): Stores the value of the multiprocessor bit in receive data when
a multiprocessor format is selected for receiving in asynchronous mode. MPB is a read-only bit
and cannot be written.
Bit 1: MPB
Description
0
Multiprocessor bit value in receive data is 0.
(Initial value)
If RE is cleared to 0 when a multiprocessor format is selected, the MPB retains
its previous value.
1
Multiprocessor bit value in receive data is 1.
Bit 0—Multiprocessor Bit Transfer (MPBT): Stores the value of the multiprocessor bit added to
transmit data when a multiprocessor format is selected for transmitting in asynchronous mode. The
MPBT setting is ignored in synchronous mode, when a multiprocessor format is not selected, or
when the SCI is not transmitting.
Bit 0: MPBT
Description
0
Multiprocessor bit value in transmit data is 0.
(Initial value)
1
Multiprocessor bit value in transmit data is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com