Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 371Page - Renesas Technology Corp SH7708 Datasheet HTML 372Page - Renesas Technology Corp SH7708 Datasheet HTML 373Page - Renesas Technology Corp SH7708 Datasheet HTML 374Page - Renesas Technology Corp SH7708 Datasheet HTML 375Page - Renesas Technology Corp SH7708 Datasheet HTML 376Page - Renesas Technology Corp SH7708 Datasheet HTML 377Page - Renesas Technology Corp SH7708 Datasheet HTML 378Page - Renesas Technology Corp SH7708 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 633 page
background image
357
Table 13.3
SCSMR Settings
SCSMR Settings
n
Clock Source
CKS1
CKS0
0P
φ
00
1P
φ/4
0
1
2P
φ/16
1
0
3P
φ/64
1
1
Note:
The bit rate error for asynchronous mode is given by the following formula:
Error (%) = {P(
φ × 106)/[(N + 1) × B × 64 × 22n – 1] – 1 } × 100
Table 13.4 lists examples of SCBRR settings in asynchronous mode; table 13.5 lists examples of
SCBRR settings in synchronous mode.
Table 13.4
Bit Rates and SCBRR Settings in Asynchronous Mode
P
φ (MHz)
2
2.097152
2.4576
Bit Rate (Bit/s)
n
N
Error (%) n
N
Error (%) n
N
Error (%)
110
1
141
0.03
1
148
–0.04
1
174
–0.26
150
1
103
0.16
1
108
0.21
1
127
0.00
300
0
207
0.16
0
217
0.21
0
255
0.00
600
0
103
0.16
0
108
0.21
0
127
0.00
1200
0
51
0.16
0
54
–0.70
0
63
0.00
2400
0
25
0.16
0
26
1.14
0
31
0.00
4800
0
12
0.16
0
13
–2.48
0
15
0.00
9600
0
6
–6.99
0
6
–2.48
0
7
0.00
19200
0
2
8.51
0
2
13.78
0
3
0.00
31250
0
1
0.00
0
1
4.86
0
1
22.88
38400
0
1
–18.62
0
1
–14.67
0
1
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com