Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 367Page - Renesas Technology Corp SH7708 Datasheet HTML 368Page - Renesas Technology Corp SH7708 Datasheet HTML 369Page - Renesas Technology Corp SH7708 Datasheet HTML 370Page - Renesas Technology Corp SH7708 Datasheet HTML 371Page - Renesas Technology Corp SH7708 Datasheet HTML 372Page - Renesas Technology Corp SH7708 Datasheet HTML 373Page - Renesas Technology Corp SH7708 Datasheet HTML 374Page - Renesas Technology Corp SH7708 Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 633 page
background image
353
Bit 4—Framing Error (FER): Indicates that data reception aborted due to a framing error in
asynchronous mode.
Bit 4: FER
Description
0
Receiving is in progress or has ended normally.
(Initial value)
Clearing the RE bit to 0 in the serial control register does not affect the FER bit,
which retains its previous value.
FER is cleared to 0 when the chip is reset or enters standby mode or software
reads FER after it has been set to 1, then writes 0 in FER.
1
A receive framing error occurred.
When the stop bit length is two bits, only the first bit is checked. The second stop
bit is not checked. When a framing error occurs, the SCI transfers the receive
data into SCRDR but does not set RDRF. Serial receiving cannot continue while
FER is set to 1. In synchronous mode, serial transmitting is also disabled.
FER is set to 1 if the stop bit at the end of receive data is checked and found to
be 0.
Bit 3—Parity Error (PER): Indicates that data reception (with parity) aborted due to a parity error
in asynchronous mode.
Bit 3: PER
Description
0
Receiving is in progress or has ended normally.
(Initial value)
Clearing the RE bit to 0 in the serial control register does not affect the PER bit,
which retains its previous value.
PER is cleared to 0 when the chip is reset or enters standby mode or software
reads PER after it has been set to 1, then writes 0 in PER.
1
A receive parity error occurred.
When a parity error occurs, the SCI transfers the receive data into SCRDR but
does not set RDRF. Serial receiving cannot continue while PER is set to 1. In
synchronous mode, serial transmitting is also disabled.
PER is set to 1 if the number of 1s in receive data, including the parity bit, does
not match the even or odd parity setting of the parity mode bit (O/E) in the serial
mode register (SCSMR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com