Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 135Page - Renesas Technology Corp SH7708 Datasheet HTML 136Page - Renesas Technology Corp SH7708 Datasheet HTML 137Page - Renesas Technology Corp SH7708 Datasheet HTML 138Page - Renesas Technology Corp SH7708 Datasheet HTML 139Page - Renesas Technology Corp SH7708 Datasheet HTML 140Page - Renesas Technology Corp SH7708 Datasheet HTML 141Page - Renesas Technology Corp SH7708 Datasheet HTML 142Page - Renesas Technology Corp SH7708 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 633 page
background image
121
Table 6.6
Interrupt Response Time (cont)
Number of States
Item
NMI
RL
Peripheral
Modules
Notes
Response
time
Total
(5.5 + X)
× Icyc
+ 0.5
× Bcyc
+ 0.5
× Pcyc
(5.5 + X)
× Icyc
+ 0.5
× Bcyc
+ 2
× Pcyc
(5.5 + X)
× Icyc
+ 1.5
× Pcyc
Minimum
case*2
6.5
8
7
At 60 MHz operation:
0.10–0.14 µs
Maximum
case*3
7 + S
13 + S
10.5 + S
At 60 MHz operation:
0.23–0.34 µs (in case of
operand cache-hit)
At 60 MHz operation:
0.27–0.37 µs (when
external memory access
is performed with wait =
0)
Icyc:
Duration of one cycle of internal clock supplied to CPU, etc.
Bcyc: Duration of one CKIO cycle
Pcyc: Duration of one cycle of peripheral clock supplied to supporting modules
Notes: 1. S also includes the memory access wait time.
The processing requiring the maximum execution time is LDC.L @Rm+, SR. When the
memory access is a cache-hit, this requires 7 instruction execution cycles. When
external access is performed, the corresponding number of cycles must be added.
There are also instructions that perform two external memory accesses; if external
memory access is slow, the number of instruction execution cycles will increase
accordingly.
2. The internal clock : CKIO : peripheral clock ratio is 1 : 1 : 1.
3. The internal clock : CKIO : peripheral clock ratio is 1 : 1 : 1/4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com