Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 137Page - Renesas Technology Corp SH7708 Datasheet HTML 138Page - Renesas Technology Corp SH7708 Datasheet HTML 139Page - Renesas Technology Corp SH7708 Datasheet HTML 140Page - Renesas Technology Corp SH7708 Datasheet HTML 141Page - Renesas Technology Corp SH7708 Datasheet HTML 142Page - Renesas Technology Corp SH7708 Datasheet HTML 143Page - Renesas Technology Corp SH7708 Datasheet HTML 144Page - Renesas Technology Corp SH7708 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 633 page
background image
123
Section 7 User Break Controller (UBC)
7.1
Overview
The user break controller (UBC) provides functions that simplify program debugging. These
functions make it easy to design an effective self-monitoring debugger, enabling programs to be
debugged in the chip alone, without using an in-circuit emulator. Break conditions that can be set
in the UBC are instruction fetch or data read/write, data size, data content, address value, and stop
timing during instruction fetches.
7.1.1
Features
The features of the user break controller are listed below.
• Two break channels (channel A and channel B). User break interrupts can be requested using
either independent or sequential condition for the two channels (sequential breaks are channel
A, then channel B).
• Selection and setting of the following as break compare conditions:
 Address
Selection of 32-bit logical address and ASID to be compared
Address: Compare all bits, mask bottom 10 bits, mask bottom 12 bits. mask all bits
ASID: Compare all bits/mask all bits
 Data (channel B only, 32-bit maskable)
 Bus cycle: Instruction fetch/data access
 Read/write
 Operand size: byte/word/longword
• The instruction fetch cycle break can be performed before or after the instruction is executed.
• User break trap generated when break conditions are satisfied. A user-designed user break trap
routine can be run.
7.1.2
Block Diagram
Figure 7.1 shows the logical block diagram of the user break controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com