Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 140Page - Renesas Technology Corp SH7708 Datasheet HTML 141Page - Renesas Technology Corp SH7708 Datasheet HTML 142Page - Renesas Technology Corp SH7708 Datasheet HTML 143Page - Renesas Technology Corp SH7708 Datasheet HTML 144Page - Renesas Technology Corp SH7708 Datasheet HTML 145Page - Renesas Technology Corp SH7708 Datasheet HTML 146Page - Renesas Technology Corp SH7708 Datasheet HTML 147Page - Renesas Technology Corp SH7708 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 633 page
background image
126
5. Sequential use of channels A and B is set in the SEQ bit of the BRCR. When sequential use is
designated, a user break occurs when the channel B conditions are matched after matching of
channel A conditions.
6. When a user break occurs, the CMFA and CMFB bits in the BRCR register are set to 1. If a
break is to be generated again, the CMFA and CMFB bits should be cleared to 0.
7.2
UBC Register Functions
7.2.1
Break Address Register A (BARA)
Bit:
31
30
29
28
27
26
25
24
Bit name:
BAA31
BAA30
BAA29
BAA28
BAA27
BAA26
BAA25
BAA24
Initial value:
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
23
22
21
20
19
18
17
16
Bit name:
BAA23
BAA22
BAA21
BAA20
BAA19
BAA18
BAA17
BAA16
Initial value:
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
15
14
13
12
11
10
9
8
Bit name:
BAA15
BAA14
BAA13
BAA12
BAA11
BA10
BAA9
BAA8
Initial value:
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
BAA7
BAA6
BAA5
BAA4
BAA3
BAA2
BAA1
BAA0
Initial value:
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Break address register A (BARA) is a 32-bit read/write register that stores the virtual address of
the channel A break condition. It is not initialized by a reset.
Bits 31 to 0—Break Address A31 to 0 (BAA31 to BAA0): These bits store the virtual address of
the channel A break condition.
7.2.2
Break Address Register B (BARB)
BARB is the break address register for channel B. The bit configuration is the same as for BARA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com