Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 142Page - Renesas Technology Corp SH7708 Datasheet HTML 143Page - Renesas Technology Corp SH7708 Datasheet HTML 144Page - Renesas Technology Corp SH7708 Datasheet HTML 145Page - Renesas Technology Corp SH7708 Datasheet HTML 146Page - Renesas Technology Corp SH7708 Datasheet HTML 147Page - Renesas Technology Corp SH7708 Datasheet HTML 148Page - Renesas Technology Corp SH7708 Datasheet HTML 149Page - Renesas Technology Corp SH7708 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 633 page
background image
128
Bits 1 and 0—Break Address Mask A1 and A0 (BAMA1 and BAMA0): These bits indicate which
of the channel A break address bits 31–0 (BAA31–BAA0) set in BARA are masked.
Bit 1: BAMA1
Bit 0: BAMA0
Description
0
0
BARA not masked; all bits included in break condition.
0
1
Lowest 10 bits masked and excluded from break condition.
1
0
Lowest 12 bits masked and excluded from break condition.
1
1
All BARA bits masked; address not included in break
condition.
7.2.6
Break Address Mask Register B (BAMRB)
BAMRB is the break address mask register for channel B. The bit configuration is the same as for
BAMRA.
7.2.7
Break Bus Cycle Register A (BBRA)
Bit:
15
14
13
12
11
10
9
8
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
Bit name:
IDA1
IDA0
RWA1
RWA0
SZA1
SZA0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
The break bus cycle register A (BBRA) is a 16-bit read/write register that sets the following three
channel A break conditions for channel A: (1) instruction fetch/data access, (2) read/write, and (3)
operand size. A reset initializes BBRA to H'0000.
Bits 15 to 6—Reserved: These bits always read 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com