Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 146Page - Renesas Technology Corp SH7708 Datasheet HTML 147Page - Renesas Technology Corp SH7708 Datasheet HTML 148Page - Renesas Technology Corp SH7708 Datasheet HTML 149Page - Renesas Technology Corp SH7708 Datasheet HTML 150Page - Renesas Technology Corp SH7708 Datasheet HTML 151Page - Renesas Technology Corp SH7708 Datasheet HTML 152Page - Renesas Technology Corp SH7708 Datasheet HTML 153Page - Renesas Technology Corp SH7708 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 633 page
background image
132
7.2.11
Break Control Register (BRCR)
Bit:
15
14
13
12
11
10
9
8
Bit name:
CMFA
CMFB
PCBA
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R
R
R
R/W
R
R
Bit:
7
6
5
4
3
2
1
0
Bit name:
DBEB
PCBB
SEQ
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R
R
R/W
R
R
R
The break control register (BRCR) is a 16-bit read/write register that controls user breaks.
BRCR:
1. Determines whether to use channels A and B as two independent channels or as sequential
conditions.
2. Selects whether to break before or after instruction execution during the instruction fetch cycle.
3. Determines whether to include the BDRB register in the channel B comparison conditions.
It also has a condition-match flag. A power-on or manual reset initializes BRCR to H'0000.
Bit 15—Condition Match Flag A (CMFA): Set to 1 when the break conditions set in channel A are
met. Not cleared to 0. To check a flag setting after it has been set, clear it by writing 0.
Bit 15: CMFA
Description
0
Channel A break conditions do not match.
(Initial value)
1
Channel A break conditions match.
Bit 14—Condition Match Flag B (CMFB): Set to 1 when the break conditions set in channel B are
met. Not cleared to 0. To check a flag setting after it has been set, clear it by writing 0.
Bit 14: CMFB
Description
0
Channel B break conditions do not match.
(Initial value)
1
Channel B break conditions match.
Bits 13 to 11—Reserved: These bits always read 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com