Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 147Page - Renesas Technology Corp SH7708 Datasheet HTML 148Page - Renesas Technology Corp SH7708 Datasheet HTML 149Page - Renesas Technology Corp SH7708 Datasheet HTML 150Page - Renesas Technology Corp SH7708 Datasheet HTML 151Page - Renesas Technology Corp SH7708 Datasheet HTML 152Page - Renesas Technology Corp SH7708 Datasheet HTML 153Page - Renesas Technology Corp SH7708 Datasheet HTML 154Page - Renesas Technology Corp SH7708 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 633 page
background image
133
Bit 10—PC Break Select A (PCBA): Selects whether to place the channel A instruction fetch
cycle break before or after instruction execution.
Bit 10: PCBA
Description
0
Places the channel A PC break before instruction execution.
(Initial value)
1
Places the channel A PC break after instruction execution.
Bits 9 and 8—Reserved: These bits always read 0. The write value should always be 0.
Bit 7—Data Break Enable B (DBEB): Selects whether to include data bus conditions in the
channel B break conditions.
Bit 7: DBEB
Description
0
Do not include data bus conditions in the channel B conditions.
(Initial value)
1
Include data bus conditions in the channel B conditions.
Note:
When the data bus is not included in the break conditions, the IDB1 and IDB0 bits of break
bus cycle register B (BBRB) should be 10 or 11.
Bit 6—PC Break Select B (PCBB): Selects whether to place the channel B instruction fetch cycle
break before or after instruction execution
Bit 6: PCBB
Description
0
Places the channel B PC break before instruction execution.
(Initial value)
1
Places the channel B PC break after instruction execution.
Bits 5 and 4—Reserved: These bits always read 0. The write value should always be 0.
Bit 3—Sequence Condition Select (SEQ): Selects whether to handle the channel A and B
conditions independently or sequentially. When set for sequential, the CMFB flag is set when the
channel B condition is matched after the channel A condition has already been matched.
Bit 3: SEQ
Description
0
Compare channel A and B conditions independently.
(Initial value)
1
Compare channel A and B conditions sequentially (channel A, then
channel B).
Bits 2 to 0—Reserved: These bits always read 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com