Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 151Page - Renesas Technology Corp SH7708 Datasheet HTML 152Page - Renesas Technology Corp SH7708 Datasheet HTML 153Page - Renesas Technology Corp SH7708 Datasheet HTML 154Page - Renesas Technology Corp SH7708 Datasheet HTML 155Page - Renesas Technology Corp SH7708 Datasheet HTML 156Page - Renesas Technology Corp SH7708 Datasheet HTML 157Page - Renesas Technology Corp SH7708 Datasheet HTML 158Page - Renesas Technology Corp SH7708 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 633 page
background image
137
7.3.4
Saved Program Counter (PC) Value
1. When instruction fetch (pre-execution) is set as break condition
The program counter (PC) value saved in the SPC in user break interrupt handling is the
address of the instruction for which the break condition matched. In this case, the fetched
instruction is not executed, due to the user break interrupt generated prior to its execution. In
the fetch cycle of an instruction located in the delay slot of a delayed branch instruction, a
break is generated before the branch, so that the SPC value indicates the delayed branch
instruction.
2. When instruction fetch (post-execution) is set as break condition
The program counter (PC) value saved in the SPC in user break interrupt processing is the
address of the next instruction to be executed after the instruction for which the break
condition matched. In this case, the fetched instruction is executed, and a user break trap
occurs before execution of the next instruction. When a delayed branch instruction is
designated, the delay slot instruction is executed and a user break occurs before execution of
the instruction at the branch destination. In this case, the PC value saved in the SPC is the
address of the branch destination instruction.
3. When data access (address only) is set as break condition
The value saved is the address of the next instruction to be executed after the instruction for
which the condition matched. The condition-matching instruction is executed, and a user break
trap occurs before execution of the next instruction.
4. When data access (address + data ) is set as break condition
The value saved is the start address of the next instruction after the instruction for which
execution has been completed when user break trap processing is initiated. When a data value
is set as a break condition, the point at which the break is to be made cannot be specified. A
break is executed before execution of the instruction fetched around the time of the break data
access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com