Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 150Page - Renesas Technology Corp SH7708 Datasheet HTML 151Page - Renesas Technology Corp SH7708 Datasheet HTML 152Page - Renesas Technology Corp SH7708 Datasheet HTML 153Page - Renesas Technology Corp SH7708 Datasheet HTML 154Page - Renesas Technology Corp SH7708 Datasheet HTML 155Page - Renesas Technology Corp SH7708 Datasheet HTML 156Page - Renesas Technology Corp SH7708 Datasheet HTML 157Page - Renesas Technology Corp SH7708 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 633 page
background image
136
7.3.3
Data Access Cycle Break
1. In the case of a data access cycle break, the bits used for comparison with the address bus
depend on the break bus cycle register (BBRA/BBRB) operand size specification, as follows:
Operand size
Compared address
Not included in conditions (00):
For byte address, comparison with address bits A31–A0
For word address, comparison with address bits A31–A1
For longword address, comparison with address bits
A31–A2
Byte (01):
Comparison with address bits A31–A0
Word (10):
Comparison with address bits A31–A1
Longword (11):
Comparison with address bits A31–A2
2. When data value is included in break condition in channel B
When the data value is included in the break conditions, set the DBEB bit in the break control
register (BRCR) to 1. In this case, break data register B (BDRB) and break data mask register
B (BDMRB) settings are needed in addition to the address condition. A user break trap is
generated on a match of the address condition and the data condition.
Bits IDB1 and IDB0 of break bus cycle register B (BBRB) should be set to 00 or 01.
When byte data is specified, set the same data in the two bytes comprising bits 15–8 and bits
7–0 in break data register B (BDRB) and break mask register B (BDMRB). If word or byte is
designated, bits 31–16 of BDRB and BDMRB are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com