Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 148Page - Renesas Technology Corp SH7708 Datasheet HTML 149Page - Renesas Technology Corp SH7708 Datasheet HTML 150Page - Renesas Technology Corp SH7708 Datasheet HTML 151Page - Renesas Technology Corp SH7708 Datasheet HTML 152Page - Renesas Technology Corp SH7708 Datasheet HTML 153Page - Renesas Technology Corp SH7708 Datasheet HTML 154Page - Renesas Technology Corp SH7708 Datasheet HTML 155Page - Renesas Technology Corp SH7708 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 633 page
background image
134
7.3
UBC Operation
7.3.1
User Break Operation Flow
The flow from break condition setting to user break trap processing is as follows:
1. In the break conditions, set the break address in the break address register for the relevant
channel (BARA or BARB), the ASID corresponding to the break space in the break ASID
register (BASRA or BASRB), and the address and ASID masking method in the break address
masking register (BAMRA or BAMRB). If the data bus value is included in the break
conditions, set the break data in the break data register (BDRB) and the data mask in the break
data mask register (BDMRB).
2. Set the break bus conditions in the break bus cycle register (BBRA or BBRB). If 00 is set for
even one set out of BBRA/BBRB register instruction fetch/data access select and read/write
select, a user trap break will not be generated in the corresponding channel.
Set such specifications as pre- or post-execution in the case of instruction fetch, whether the
data bus value is to be included in the conditions in the case of data access, and independent or
sequential conditions for channels A and B, in the break control register (BRCR).
Set the BBRA and BBRB registers only after all other break-related register settings have been
completed. If break enabling is set with the BBRA and BBRB registers while the break
address, data, mask, and other registers are still in their initial post-reset state, a break may
occur inadvertently.
3. When a condition is matched, the condition match flag for the relevant channel (CMFA or
CMFB) is set. This flag is set by a condition match but is not reset. To confirm setting of the
same flag again, therefore, it should first be cleared to 0.
4. When sequential conditions are set, a break is made at the instruction matched by channel B
when the channel B condition is matched after matching of the channel A condition. No break
is made if the channel B set condition is matched before or at the same time as the channel A
condition.
With sequential conditions, the condition match flag is set only for channel B, and not for
channel A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com