Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 145Page - Renesas Technology Corp SH7708 Datasheet HTML 146Page - Renesas Technology Corp SH7708 Datasheet HTML 147Page - Renesas Technology Corp SH7708 Datasheet HTML 148Page - Renesas Technology Corp SH7708 Datasheet HTML 149Page - Renesas Technology Corp SH7708 Datasheet HTML 150Page - Renesas Technology Corp SH7708 Datasheet HTML 151Page - Renesas Technology Corp SH7708 Datasheet HTML 152Page - Renesas Technology Corp SH7708 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 633 page
background image
131
7.2.10
Break Data Mask Register B (BDMRB)
Bit:
31
30
29
28
27
26
25
24
Bit name:
BDM31
BDM30
BDM29
BDM28
BDM27
BDM26
BDM25
BDM24
Initial value:
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
23
22
21
20
19
18
17
16
Bit name:
BDM23
BDM22
BDM21
BDM20
BDM19
BDM18
BDM17
BDM16
Initial value:
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
15
14
13
12
11
10
9
8
Bit name:
BDM15
BDM14
BDM13
BDM12
BDM11
BDM10
BDM9
BDM8
Initial value:
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
BDM7
BDM6
BDM5
BDM4
BDM3
BDM2
BDM1
BDM0
Initial value:
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Break data mask register B (BDMRB) is a 32-bit read/write register that determines which of the
bits in the break address set in BDRB are masked. BDMRB is not initialized by a reset.
BDMRB Bits 31 to 0—Break Data Mask B31 to B0 (BDMB31 to BDMB0): These bits specify
whether bits B31–B0 (BDB31 to BDB0) of the channel B break data set in BDRB are masked. Set
the same values in BDMB15–BDMB8 as are set in BDMB7–BDMB 0.
Bits 31–0: BDMBn
Description
0
Channel B break data bit BDBn is included in the break condition.
1
Channel B break data bit BDBn is masked and therefore not included
in the break condition.
n = 31 to 0
Notes: 1. When the data bus value is contained in the break conditions, specify the operand size.
2. For byte data, set the same data in bits 0–7 and bits 8–15 of BDRB and BDMRB.
3. Bits 31–16 of BDRB and BDMRB are ignored for byte and word sizes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com