Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 141Page - Renesas Technology Corp SH7708 Datasheet HTML 142Page - Renesas Technology Corp SH7708 Datasheet HTML 143Page - Renesas Technology Corp SH7708 Datasheet HTML 144Page - Renesas Technology Corp SH7708 Datasheet HTML 145Page - Renesas Technology Corp SH7708 Datasheet HTML 146Page - Renesas Technology Corp SH7708 Datasheet HTML 147Page - Renesas Technology Corp SH7708 Datasheet HTML 148Page - Renesas Technology Corp SH7708 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 633 page
background image
127
7.2.3
Break ASID Register A (BASRA)
Bit:
7
6
5
4
3
2
1
0
Bit name:
BASA7
BASA6
BASA5
BASA4
BASA3
BASA2
BASA1
BASA0
Initial value:
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Break ASID register A (BASRA) specifies the ASID that serves as the break condition for channel
A. It is compared to the ASID field of the MMU's PTEH register. BASRA is an 8-bit read/write
register. It is not initialized by a reset.
Bits 7 to 0—Break ASID A7 to 0 (BASA7 to BASA0): These bits store the ASID (bits 7 to 0) that
is the channel A break condition.
7.2.4
Break ASID Register B (BASRB)
BASRB is the break ASID register for channel B. The bit configuration is the same as for
BASRA.
7.2.5
Break Address Mask Register A (BAMRA)
Bit:
7
6
5
4
3
2
1
0
Bit name:
BASMA
BAMA1
BAMA0
Initial value:
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Break address mask register A (BAMRA) is an 8-bit read/write register that specifies which bits in
the break ASID specified in BASRA and which bits in the break address specified in BARA are
masked. It is not initialized by a reset.
Bits 7 to 3—Reserved: These bits always read 0. The write value should always be 0.
Bit 2—Break ASID Mask A (BASMA): Indicates whether the bits of the channel A breakpoint
ASID7 to ASID0 (BASA7 to BASA0) set in BASRA are masked.
Bit 2: BASMA
Description
0
BASRA not masked; all bits included in break condition.
1
All BASRA bits masked; ASID not included in break condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com