Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 167Page - Renesas Technology Corp SH7708 Datasheet HTML 168Page - Renesas Technology Corp SH7708 Datasheet HTML 169Page - Renesas Technology Corp SH7708 Datasheet HTML 170Page - Renesas Technology Corp SH7708 Datasheet HTML 171Page - Renesas Technology Corp SH7708 Datasheet HTML 172Page - Renesas Technology Corp SH7708 Datasheet HTML 173Page - Renesas Technology Corp SH7708 Datasheet HTML 174Page - Renesas Technology Corp SH7708 Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 633 page
background image
153
8.7
Hardware Standby Mode
The hardware standby mode is provided only in the SH7708S and SH7708R. This mode is not
supported in emulator.
8.7.1
Transition to Hardware Standby Mode
Driving the CA pin low causes a transition to hardware standby mode. In hardware standby mode,
all modules except those operating on an RTC clock are halted, as in the standby mode entered on
execution of a SLEEP instruction.
Hardware standby mode differs from standby mode as follows.
1. Interrupts and manual resets are not accepted.
2. The TCLK clock output is fixed low.
3. The TMU does not operate.
4. In the SH7708S and SH7708R, the RTC continues to operate even if power is not supplied to
power supply pins other than those for RTC power. In this case, all output pins go to the non-
drive state. With the SH7708, it is not possible to supply power only to the RTC power
supply.
Operation when a low-level signal is input at the CA pin depends on the CPG state, as follows.
1. In standby mode
The clock remains stopped and the chip enters the hardware standby state. Acceptance of
interrupts and manual resets is disabled, TCLK output is fixed low, and the TMU halts.
2. During WDT operation when standby mode is canceled by an interrupt
The chip enters hardware standby mode after standby mode is canceled and the CPU resumes
operation.
3. In sleep mode
The chip enters hardware standby mode after sleep mode is canceled and the CPU resumes
operation.
4. During PLL standby (see section 9.6 for the PLL standby function)
The chip enters hardware standby mode after forced implementation of the PLL OFF state.
Hold the CA pin low in hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com