Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 168Page - Renesas Technology Corp SH7708 Datasheet HTML 169Page - Renesas Technology Corp SH7708 Datasheet HTML 170Page - Renesas Technology Corp SH7708 Datasheet HTML 171Page - Renesas Technology Corp SH7708 Datasheet HTML 172Page - Renesas Technology Corp SH7708 Datasheet HTML 173Page - Renesas Technology Corp SH7708 Datasheet HTML 174Page - Renesas Technology Corp SH7708 Datasheet HTML 175Page - Renesas Technology Corp SH7708 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 633 page
background image
154
8.7.2
Canceling Hardware Standby Mode
Hardware standby mode can only be canceled by a power-on reset.
When the CA pin is driven high while the
RESET pin is low and the BREQ pin is high, clock
oscillation is started. Hold the
RESET pin low until clock oscillation stabilizes. When the RESET
pin is driven high, the CPU begins power-on reset processing.
Hardware standby mode cannot be canceled by an interrupt or manual reset.
8.7.3
Hardware Standby Mode Timing
Figures 8.10 and 8.11 show examples of pin timing in hardware standby mode.
The CA pin is sampled using EXTAL2 (32.768 kHz), and a hardware standby request is only
recognized when the pin is low for two consecutive clock cycles.
The CA pin must be held low while the chip is in hardware standby mode.
Clock oscillation starts when the CA pin is driven high after the
RESET pin is driven low.
CKIO
CA
RESET
STATUS
Normal
Standby
Reset
0 to 10 Bcyc
Undefined
Rcyc: EXTAL2 (32.768 kHz) cycle
2 Rcyc or more
Figure 8.10 Hardware Standby Mode Timing (When CA Goes Low in Normal Operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com