Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 171Page - Renesas Technology Corp SH7708 Datasheet HTML 172Page - Renesas Technology Corp SH7708 Datasheet HTML 173Page - Renesas Technology Corp SH7708 Datasheet HTML 174Page - Renesas Technology Corp SH7708 Datasheet HTML 175Page - Renesas Technology Corp SH7708 Datasheet HTML 176Page - Renesas Technology Corp SH7708 Datasheet HTML 177Page - Renesas Technology Corp SH7708 Datasheet HTML 178Page - Renesas Technology Corp SH7708 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 633 page
background image
157
Section 9 On-Chip Oscillation Circuits
9.1
Overview
The clock pulse generator (CPG) supplies all clocks to the processor and controls the power-down
modes. The watchdog timer (WDT) is a single-channel timer that counts the clock settling time
and is used when clearing standby mode and temporary standbys, such as frequency changes. It
can also be used as an ordinary watchdog timer or interval timer.
9.1.1
Features
The CPG has the following features:
• Six clock modes: Selection of six clock modes for different frequency ranges, power
consumption, direct crystal input, and external clock input.
• Three clocks generated independently: An internal clock for the CPU, cache, and TLB (Iφ); a
peripheral clock (P
φ) for the on-chip supporting modules; and a bus clock (CKI0) for the
external bus interface.
• Frequency change function: Internal and peripheral clock frequencies can be changed
independently using the PLL circuit and divider circuit within the CPG. Frequencies are
changed by software using frequency control register (FRQCR) settings.
• PLL on/off function: Power consumption can be decreased by stopping the PLL circuit when
operating at low frequencies.
• Power-down mode control: The clock can be stopped for sleep mode and standby mode and
specific modules can be stopped using the module standby function.
The WDT has the following features:
• Can be used to ensure the clock settling time: Use the WDT to cancel standby mode and the
temporary standbys which occur when the clock frequency is changed.
• Can switch between watchdog timer mode and interval timer mode.
• Generates internal resets in watchdog timer mode: Internal resets occur after counter overflow.
Selection of power-on reset or manual reset.
• Generates interrupts in interval timer mode: Internal timer interrupts occur after counter
overflow.
• Selection of eight counter input clocks. Eight clocks (×1 to ×1/4096) can be obtained by
dividing the peripheral clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com