Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 173Page - Renesas Technology Corp SH7708 Datasheet HTML 174Page - Renesas Technology Corp SH7708 Datasheet HTML 175Page - Renesas Technology Corp SH7708 Datasheet HTML 176Page - Renesas Technology Corp SH7708 Datasheet HTML 177Page - Renesas Technology Corp SH7708 Datasheet HTML 178Page - Renesas Technology Corp SH7708 Datasheet HTML 179Page - Renesas Technology Corp SH7708 Datasheet HTML 180Page - Renesas Technology Corp SH7708 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 633 page
background image
159
CAP1
CKIO
Cycle = Bcyc
CAP2
XTAL
EXTAL
MD2
MD1
MD0
FRQCR
Internal bus
Bus interface
STBCR
PLL circuit 1
(
× 1, 2, 3,4)
Divider 1
Internal
clock (I
φ)
Cycle = Icyc
Peripheral
clock (P
φ)
Cycle = Pcyc
Standby
control
Divider 2
Clock pulse generator
PLL circuit 2
(
× 1, 4)
Crystal
oscillator
CPG control unit
Clock frequency
control circuit
Standby control
circuit
× 1
× 1/2
× 1/3
× 1/4
× 1
× 1/2
× 1/3
× 1/4
FRQCR: Frequency control register
Figure 9.2 Block Diagram of Clock Pulse Generator(SH7708R)
The clock pulse generator blocks function as follows:
1. PLL Circuit 1: PLL circuit 1 doubles, triples*, quadruples, or leaves unchanged the input clock
frequency from the CKIO terminal. The multiplication rate is set by the frequency control
register. When this is done, the phase of the leading edge of the internal clock is controlled so
that it will agree with the phase of the leading edge of the CKIO pin.
2. PLL Circuit 2: PLL circuit 2 leaves unchanged or quadruples the frequency of the crystal
oscillator or the input clock frequency coming from the EXTAL pin. The multiplication ratio is
fixed by the clock operation mode. The clock operation mode is set by pins MD0, MD1, and
MD2. See table 9.3 for more information on clock operation modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com