Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 175Page - Renesas Technology Corp SH7708 Datasheet HTML 176Page - Renesas Technology Corp SH7708 Datasheet HTML 177Page - Renesas Technology Corp SH7708 Datasheet HTML 178Page - Renesas Technology Corp SH7708 Datasheet HTML 179Page - Renesas Technology Corp SH7708 Datasheet HTML 180Page - Renesas Technology Corp SH7708 Datasheet HTML 181Page - Renesas Technology Corp SH7708 Datasheet HTML 182Page - Renesas Technology Corp SH7708 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 633 page
background image
161
9.2.2
CPG Pin Configuration
Table 9.1 lists the CPG pins and their functions.
Table 9.1
Clock Pulse Generator Pins and Functions
Pin Name
Symbol
I/O
Description
Mode control
MD0
I
Set the clock operating mode.
pins
MD1
I
MD2
I
Crystal I/O pins
XTAL
O
Connects a crystal oscillator.
(clock input pins)
EXTAL
I
Connects a crystal oscillator. Also used to input an external
clock.
Clock I/O pin
CKIO
I/O
Inputs or outputs an external clock. Level can be fixed during
output.
Capacitor
connection pins
CAP1
I
Connects capacitor for PLL circuit 1 operation (recommended
value 470 pF).
for PLL
CAP2
I
Connects capacitor for PLL circuit 2 operation (recommended
value 470 pF).
9.2.3
CPG Register Configuration
Table 9.2 shows the CPG register configuration.
Table 9.2
Register Configuration
Register Name
Abbreviation
R/W
Initial
Value*
Address
Access Size
Frequency control register
FRQCR
R/W
H'0102
H'FFFFFF80
16
Note: * Initialized by a power-on reset via the RESET pin. Register contents are retained in a
power-on reset initiated by the WDT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com