Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 178Page - Renesas Technology Corp SH7708 Datasheet HTML 179Page - Renesas Technology Corp SH7708 Datasheet HTML 180Page - Renesas Technology Corp SH7708 Datasheet HTML 181Page - Renesas Technology Corp SH7708 Datasheet HTML 182Page - Renesas Technology Corp SH7708 Datasheet HTML 183Page - Renesas Technology Corp SH7708 Datasheet HTML 184Page - Renesas Technology Corp SH7708 Datasheet HTML 185Page - Renesas Technology Corp SH7708 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 633 page
background image
164
Table 9.4
Range of Usable Frequencies for Each Clock Operating Mode(SH7708,
SH7708S)
Mode
FRQCR
Register
Value
PLL1
PLL2
Clock
Ratio*
1
(I:B:P)
Input Clock/
Crystal Oscillator
Frequency Range
CKIO Pin
Frequency Range
0
H'0102
H'0101
H'0100
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
1:1:1/4
1:1:1/2
1:1:1
8 MHz to 60 MHz
8 MHz to 60 MHz
8 MHz to 30 MHz
8 MHz to 60 MHz
8 MHz to 60 MHz
8 MHz to 30 MHz
H'0112
H'0111
H'0115
H'0116
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
2:1:1/2
2:1:1
1:1:1
1:1:1/2
8 MHz to 30 MHz
8 MHz to 30 MHz
8 MHz to 30 MHz
8 MHz to 30 MHz
8 MHz to 30 MHz
8 MHz to 30 MHz
8 MHz to 30 MHz
8 MHz to 30 MHz
H'0122
H'0126
H'012a
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 1)
ON (
× 1)
ON (
× 1)
4:1:1
2:1:1
1:1:1
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
1, 2
H'0102
H'0101
H'0100
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 4)
ON (
× 4)
ON (
× 4)
4:4:1
4:4:2
4:4:4
5 MHz to 15 MHz
5 MHz to 15 MHz
5 MHz to 7.5 MHz
20 MHz to 60 MHz
20 MHz to 60 MHz
20 MHz to 30 MHz
H'0112
H'0111
H'0115
H'0116
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
8:4:2
8:4:4
4:4:4
4:4:2
5 MHz to 7.5 MHz
5 MHz to 7.5 MHz
5 MHz to 7.5 MHz
5 MHz to 7.5 MHz
20 MHz to 30 MHz
20 MHz to 30 MHz
20 MHz to 30 MHz
20 MHz to 30 MHz
3, 4
H'0102
H'0101
H'0100
OFF
OFF
OFF
ON (
× 1)
ON (
× 1)
ON (
× 1)
1:1:1/4
1:1:1/2
1:1:1
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
H'01d1
H'01d0
H'01d4
H'01d5
H'01d6
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
2:1:1/2
2:1:1
1:1:1
1:1:1/2
1:1:1/4
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
H'01e0
H'01e4
H'01e5
H'01e8
H'01e9
H'01ea
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
4:1:4
2:1:1
2:1:1/2
1:1:1
1:1:1/2
1:1:1/4
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com