Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 181Page - Renesas Technology Corp SH7708 Datasheet HTML 182Page - Renesas Technology Corp SH7708 Datasheet HTML 183Page - Renesas Technology Corp SH7708 Datasheet HTML 184Page - Renesas Technology Corp SH7708 Datasheet HTML 185Page - Renesas Technology Corp SH7708 Datasheet HTML 186Page - Renesas Technology Corp SH7708 Datasheet HTML 187Page - Renesas Technology Corp SH7708 Datasheet HTML 188Page - Renesas Technology Corp SH7708 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 633 page
background image
167
Table 9.5
Range of Usable Frequencies for Each Clock Operating Mode(SH7708R) (cont)
Clock
Mode
FRQCR
PLL1
PLL2
Clock
Rate*
1
(I:B:P)
Input Frequency
Range
CKIO Frequency
Range
3
H’81C0
H’81C1
H’C1C0
H’C1C1
ON (
× 3)
ON (
× 3)
ON (
× 3)
ON (
× 3)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
3:1:1
3:1:1/2
1:1:1
1:1:1/2
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
H'01E0
H’01E1
H'01E4
H'01E5
H'01E6
H'01E8
H'01E9
H'01EA
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
4:1:1
4:1:1/2
2:1:1
2:1:1/2
2:1:1/4
1:1:1
1:1:1/2
1:1:1/4
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
4
H'0100
H'0101
H'0102
OFF
OFF
OFF
ON (
× 1)
ON (
× 1)
ON (
× 1)
1:1:1
1:1:1/2
1:1:1/4
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20MHz
H'01D0
H'01D1
H'01D2
H'01D4
H'01D5
H’01D6
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
2:1:1
2:1:1/2
2:1:1/4
1:1:1
1:1:1/2
1:1:1/4
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
H’81C0
H’81C1
H’C1C0
H’C1C1
ON (
× 3)
ON (
× 3)
ON (
× 3)
ON (
× 3)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
3:1:1
3:1:1/2
1:1:1
1:1:1/2
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
H'01E0
H’01E1
H'01E4
H'01E5
H'01E6
H'01E8
H'01E9
H'01EA
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
4:1:1
4:1:1/2
2:1:1
2:1:1/2
2:1:1/4
1:1:1
1:1:1/2
1:1:1/4
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com