Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 184Page - Renesas Technology Corp SH7708 Datasheet HTML 185Page - Renesas Technology Corp SH7708 Datasheet HTML 186Page - Renesas Technology Corp SH7708 Datasheet HTML 187Page - Renesas Technology Corp SH7708 Datasheet HTML 188Page - Renesas Technology Corp SH7708 Datasheet HTML 189Page - Renesas Technology Corp SH7708 Datasheet HTML 190Page - Renesas Technology Corp SH7708 Datasheet HTML 191Page - Renesas Technology Corp SH7708 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 633 page
background image
170
9.4
Register Descriptions
9.4.1
Frequency Control Register (FRQCR)
The frequency control register (FRQCR) is a 16-bit read/write register used to specify whether a
clock is output from the CKIO pin, the on/off state of PLL circuit 1, PLL standby, the frequency
multiplication ratio of PLL circuit 1, and the frequency division ratio of the internal clock and the
peripheral clock.
Only word access can be used on the FRQCR register. FRQCR is initialized to H'0102 by a
power-on reset, but retains its value in a manual reset and in standby mode.
SH7708, SH7708S:
Bit:
15
14
13
12
11
10
9
8
Bit name:
CKOEN
Initial value:
0
0
0
0
0
0
0
1
R/W:
R
R
R
R
R
R
R
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
PLLEN
PSTBY
STC1
STC0
IFC1
IFC0
PFC1
PFC0
Initial value:
0
0
0
0
0
0
1
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 8—Clock Enable (CKOEN): Used to output a clock from the CKIO pin or to fix the level of
the CKIO pin. Even when the level is fixed, the SH7708 Series will operate internally at the
frequency before the level was fixed. In case of clock operating mode 7, the CKIO pin becomes an
input pin irrespective of the value of this bit.
Bit 8: CKOEN
Description
0
Fixes the level of CKIO terminal.
1
Outputs a clock from the CKIO pin.
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com