Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 183Page - Renesas Technology Corp SH7708 Datasheet HTML 184Page - Renesas Technology Corp SH7708 Datasheet HTML 185Page - Renesas Technology Corp SH7708 Datasheet HTML 186Page - Renesas Technology Corp SH7708 Datasheet HTML 187Page - Renesas Technology Corp SH7708 Datasheet HTML 188Page - Renesas Technology Corp SH7708 Datasheet HTML 189Page - Renesas Technology Corp SH7708 Datasheet HTML 190Page - Renesas Technology Corp SH7708 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 633 page
background image
169
• Do not set the internal clock frequency lower than the CKIO pin frequency.
5. The frequency of the peripheral clock (P
φ) becomes:
• The product of the frequency of the CKIO pin, the frequency multiplication ratio of
PLL circuit 1, and the division ratio of divider 2 when the clock operating mode is 0–2
or 7.
• The product of the frequency of the CKIO pin and the division ratio of divider 2 when
the clock operating mode is 3 and 4.
• The peripheral clock frequency should not be set higher than the frequency of the CKIO
pin, higher than 30 MHz(SH7708, SH7708S) / 33.3 MHz(SH7708R), or lower than 1/4
(SH7708, SH7708S) / 1/8(SH7708R) the internal clock (I
φ).
6. The output frequency of PLL circuit 1 is the product of the CKIO frequency and the
multiplication ratio of PLL circuit 1. This frequency should be equal to or lower than 60
MHz(SH7708, SH7708S) / 100 MHz(SH7708R).
7.
× 1, × 2, × 3* or × 4 can be used as the multiplication ratio of PLL circuit 1. × 1, × 1/2, × 1/3*,
and
× 1/4 can be selected as the division ratios of dividers 1 and 2. Set the rate in the frequency
control register. The on/off state of PLL circuit 2 is determined by the mode.
× 3 multiplication
of PLL circuit 1 and
× 1/3 of dividers 1 and 2 are not supported in emulator.
Note:
SH7708R only
8. For more in formation about the range of usable freguencies for each clock operating mode,see
table 9.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com