Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 180Page - Renesas Technology Corp SH7708 Datasheet HTML 181Page - Renesas Technology Corp SH7708 Datasheet HTML 182Page - Renesas Technology Corp SH7708 Datasheet HTML 183Page - Renesas Technology Corp SH7708 Datasheet HTML 184Page - Renesas Technology Corp SH7708 Datasheet HTML 185Page - Renesas Technology Corp SH7708 Datasheet HTML 186Page - Renesas Technology Corp SH7708 Datasheet HTML 187Page - Renesas Technology Corp SH7708 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 633 page
background image
166
Table 9.5
Range of Usable Frequencies for Each Clock Operating Mode(SH7708R)
Clock
Mode
FRQCR
PLL1
PLL2
Clock
Rate*
1
(I:B:P)
Input Frequency
Range
CKIO Frequency
Range
0
H'0100
H'0101
H'0102
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
1:1:1
1:1:1/2
1:1:1/4
16 MHz to 33.3 MHz
16 MHz to 60 MHz
16 MHz to 60 Mhz
16 MHz to 33.3 MHz
16 MHz to 60 MHz
16 MHz to 60 Mhz
H'0111
H'0112
H'0115
H'0116
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
2:1:1
2:1:1/2
1:1:1
1:1:1/2
16 MHz to 33.3 MHz
16 MHz to 50 MHz
16 MHz to 33.3 MHz
16 MHz to 50 MHz
16 MHz to 33.3 MHz
16 MHz to 50 MHz
16 MHz to 33.3 MHz
16 MHz to 50 MHz
H'0122
H'0126
H'012A
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 1)
ON (
× 1)
ON (
× 1)
4:1:1
2:1:1
1:1:1
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
H’A100
H’E100
H’E101
ON (
× 3)
ON (
× 3)
ON (
× 3)
ON (
× 1)
ON (
× 1)
ON (
× 1)
3:1:1
1:1:1
1:1:1/2
25 MHz to 33.3 MHz
25 MHz to 33.3 MHz
25 MHz to 33.3 MHz
25 MHz to 33.3 MHz
25 MHz to 33.3 MHz
25 MHz to 33.3 MHz
1, 2
H'0100
H'0101
H'0102
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 4)
ON (
× 4)
ON (
× 4)
4:4:4
4:4:2
4:4:1
5 MHz to 8.3 MHz
5 MHz to 15 MHz
5 MHz to 15 MHz
20 MHz to 33.3 MHz
20 MHz to 60 MHz
20 MHz to 60 MHz
H'0111
H'0112
H'0115
H'0116
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 4)
ON (
× 4)
ON (
× 4)
ON (
× 4)
8:4:4
8:4:2
4:4:4
4:4:2
5 MHz to 8.3 MHz
5 MHz to 12.5 MHz
5 MHz to 8.3 MHz
5 MHz to 12.5 MHz
20 MHz to 33.3 MHz
20 MHz to 50 MHz
20 MHz to 33.3 MHz
20 MHz to 50 MHz
H’A100
H’E100
H’E101
ON (
× 3)
ON (
× 3)
ON (
× 3)
ON (
× 4)
ON (
× 4)
ON (
× 4)
12:4:4
4:4:4
4:4:2
5 MHz to 8.3 MHz
5 MHz to 8.3 MHz
5 MHz to 8.3 MHz
20 MHz to 33.3 MHz
20 MHz to 33.3 MHz
20 MHz to 33.3 MHz
3
H'0100
H'0101
H'0102
OFF
OFF
OFF
ON (
× 1)
ON (
× 1)
ON (
× 1)
1:1:1
1:1:1/2
1:1:1/4
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
H'01D0
H'01D1
H'01D2
H'01D4
H'01D5
H’01D6
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
ON (
× 1)
2:1:1
2:1:1/2
2:1:1/4
1:1:1
1:1:1/2
1:1:1/4
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com