Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 179Page - Renesas Technology Corp SH7708 Datasheet HTML 180Page - Renesas Technology Corp SH7708 Datasheet HTML 181Page - Renesas Technology Corp SH7708 Datasheet HTML 182Page - Renesas Technology Corp SH7708 Datasheet HTML 183Page - Renesas Technology Corp SH7708 Datasheet HTML 184Page - Renesas Technology Corp SH7708 Datasheet HTML 185Page - Renesas Technology Corp SH7708 Datasheet HTML 186Page - Renesas Technology Corp SH7708 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 633 page
background image
165
Table 9.4
Range of Usable Frequencies for Each Clock Operating Mode(SH7708,
SH7708S) (cont)
Mode
FRQCR
Register
Value
PLL1
PLL2
Clock
Ratio*
1
(I:B:P)
Input Clock/
Crystal Oscillator
Frequency Range
CKIO Pin
Frequency Range
5*
2
H'0102
H'0101
H'0100
OFF
OFF
OFF
OFF
OFF
OFF
1/2:1/2:1/8
1/2:1/2:1/4
1/2:1/2:1/2
2 MHz to 30 MHz
2 MHz to 30 MHz
2 MHz to 30 MHz
1 MHz to 15 MHz
1 MHz to 15 MHz
1 MHz to 15 MHz
H'01d1
H'01d0
H'01d4
H'01d5
H'01d6
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
OFF
OFF
OFF
OFF
OFF
1:1/2:1/4
1:1/2:1/2
1/2:1/2:1/2
1/2:1/2:1/4
1/2:1/2:1/8
16 MHz to 30 MHz
16 MHz to 30 MHz
16 MHz to 30 MHz
16 MHz to 30 Mhz
16 MHz to 30 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 Mhz
8 MHz to 15 MHz
H'01e2
H'01e6
H'01ea
ON (
× 4)
ON (
× 4)
ON (
× 4)
OFF
OFF
OFF
2:1/2:1/2
1:1/2:1/2
1/2:1/2:1/2
16 MHz to 30 MHz
16 MHz to 30 MHz
16 MHz to 30 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
6*
2
H'0102
H'0101
H'0100
OFF
OFF
OFF
OFF
OFF
OFF
1/2:1/2:1/8
1/2:1/2:1/4
1/2:1/2:1/2
2 MHz to 20 MHz
2 MHz to 20 MHz
2 MHz to 20 MHz
1 MHz to 10 MHz
1 MHz to 10 MHz
1 MHz to 10 MHz
H'01d1
H'01d0
H'01d4
H'01d5
H'01d6
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
OFF
OFF
OFF
OFF
OFF
1:1/2:1/4
1:1/2:1/2
1/2:1/2:1/2
1/2:1/2:1/4
1/2:1/2:1/8
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
8 MHz to 10 MHz
8 MHz to 10 MHz
8 MHz to 10 MHz
8 MHz to 10 Mhz
8 MHz to 10 MHz
H'01e2
H'01e6
H'01ea
ON (
× 4)
ON (
× 4)
ON (
× 4)
OFF
OFF
OFF
2:1/2:1/2
1:1/2:1/2
1/2:1/2:1/2
16 MHz to 20 MHz
16 MHz to 20 MHz
16 MHz to 20 MHz
8 MHz to 10 MHz
8 MHz to 10 MHz
8 MHz to 10 MHz
7
H'0102
H'0101
H'0100
ON (
× 1)
ON (
× 1)
ON (
× 1)
OFF
OFF
OFF
1:1:1/4
1:1:1/2
1:1:1
8 MHz to 60 MHz
8 MHz to 60 MHz
8 MHz to 30 MHz
8 MHz to 60 MHz
8 MHz to 60 MHz
8 MHz to 30 MHz
H'0112
H'0111
H'0115
H'0116
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
OFF
OFF
OFF
OFF
2:1:1/2
2:1:1
1:1:1
1:1:1/2
8 MHz to 30 MHz
8 MHz to 30 MHz
8 MHz to 30 MHz
8 MHz to 30 MHz
8 MHz to 30 MHz
8 MHz to 30 MHz
8 MHz to 30 MHz
8 MHz to 30 MHz
H'0122
H'0126
H'012a
ON (
× 4)
ON (
× 4)
ON (
× 4)
OFF
OFF
OFF
4:1:1
2:1:1
1:1:1
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
8 MHz to 15 MHz
Notes: 1. Taking input clock as 1.
Maximum frequencies: Iø = 60 MHz, Bø = 60 MHz, Pø = 30 MHz.
2. Modes 5 and 6 are available only in the SH7708.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com