Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 177Page - Renesas Technology Corp SH7708 Datasheet HTML 178Page - Renesas Technology Corp SH7708 Datasheet HTML 179Page - Renesas Technology Corp SH7708 Datasheet HTML 180Page - Renesas Technology Corp SH7708 Datasheet HTML 181Page - Renesas Technology Corp SH7708 Datasheet HTML 182Page - Renesas Technology Corp SH7708 Datasheet HTML 183Page - Renesas Technology Corp SH7708 Datasheet HTML 184Page - Renesas Technology Corp SH7708 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 633 page
background image
163
Mode 1: An external clock is input from the EXTAL pin and its frequency is multiplied by 4 by
PLL circuit 2 before being supplied inside the SH7708 Series, allowing a low-frequency external
clock to be used. An input clock frequency of 5 MHz to 15 MHz can be used, and the CKIO
frequency range is 20 MHz to 60 MHz.
As PLL circuit 1 compensates for fluctuations in the CKIO pin load, this mode is suitable for
connection of synchronous DRAM.
Mode 2: The on-chip crystal oscillator operates, with the oscillation frequency being multiplied by
4 by PLL circuit 2 before being supplied inside the SH7708 Series, allowing a low crystal
frequency to be used. A crystal oscillation frequency of 5 MHz to 15 MHz can be used, and the
CKIO frequency range is 20 MHz to 60 MHz.
As PLL circuit 1 compensates for fluctuations in the CKIO pin load, this mode is suitable for
connection of synchronous DRAM.
Mode 3: An external clock is input from the EXTAL pin and undergoes waveform shaping by
PLL circuit 2 before being supplied inside the SH7708 Series. PLL circuit 1 is off in the default
state at power-on reset, and PLL circuit 1 can be selected as on or off, enabling power
consumption to be kept lower than in mode 0. An input clock frequency of 8 MHz to 15
MHz(SH7708, SH7708S) or 16 MHz to 25 MHz(SH7708R) can be used, and the CKIO frequency
range is of 8 MHz to 15 MHz(SH7708, SH7708S) or 16 MHz to 25 MHz(SH7708R).
Mode 4: The on-chip crystal oscillator operates, with its output supplied inside the SH7708 Series
as a square waveform by PLL circuit 2. PLL circuit 1 is off in the default state at power-on reset,
and PLL circuit 1 can be selected as on or off, enabling power consumption to be reduced
accordingly. A crystal oscillation frequency of of 8 MHz to 15 MHz(SH7708, SH7708S) or 16
MHz to 25 MHz(SH7708R) can be used, and the CKIO frequency range is of 8 MHz to 15
MHz(SH7708, SH7708S) or 16 MHz to 25 MHz(SH7708R).
Mode 7: In this mode, the CKIO pin is an input, an external clock is input to this pin, and
undergoes waveform shaping, and also frequency multiplication according to the setting, by PLL
circuit 1 before being supplied to the SH7708 Series. In modes 0 to 6, the system clock is
generated from the output of the SH7708 Series’ CKIO pin. Consequently, if a large number of
ICs are operating on the clock cycle, the CKIO pin load will be large. This mode, however,
assumes a comparatively large-scale system. If a large number of ICs are operating on the clock
cycle, a clock generator with a number of low-skew clock outputs can be provided, so that the ICs
can operate synchronously by distributing the clocks to each one.
As PLL circuit 1 compensates for fluctuations in the CKIO pin load, this mode is suitable for
connection of synchronous DRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com