Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 174Page - Renesas Technology Corp SH7708 Datasheet HTML 175Page - Renesas Technology Corp SH7708 Datasheet HTML 176Page - Renesas Technology Corp SH7708 Datasheet HTML 177Page - Renesas Technology Corp SH7708 Datasheet HTML 178Page - Renesas Technology Corp SH7708 Datasheet HTML 179Page - Renesas Technology Corp SH7708 Datasheet HTML 180Page - Renesas Technology Corp SH7708 Datasheet HTML 181Page - Renesas Technology Corp SH7708 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 633 page
background image
160
3. Crystal Oscillator: This oscillator is used when a crystal oscillator element is connected to the
XTAL and EXTAL pins. It operates according to the clock operating mode setting.
4. Divider 1: Divider 1 generates a clock at the operating frequency used by the internal clock.
The operating frequency can be 1, 1/2, 1/3*, or 1/4 times the output frequency of PLL circuit 1,
as long as it stays at or above the clock frequency of the CKIO pin. The division ratio is set in
the frequency control register.
5. Divider 2: Divider 2 generates a clock at the operating frequency used by the peripheral clock.
The operating frequencies can be 1, 1/2, 1/3*, or 1/4 times the output frequency of PLL Circuit
1 or the clock frequency of the CKIO pin, as long as it stays at or below the clock frequency of
the CKIO pin. The division ratio is set in the frequency control register.
6. Clock Frequency Control Circuit: The clock frequency control circuit controls the clock
frequency using the MD pin and the frequency control register.
7. Standby Control Circuit: The standby control circuit controls the status of the clock pulse
generator and other modules during clock switching and sleep/standby modes.
8. Frequency Control Register: The frequency control register has control bits assigned for the
following functions: clock output/non-output from the CKIO pin, on/off control of PLL circuit
1, PLL standby, the frequency multiplication ratio of PLL 1, and the frequency division ratio
of the internal clock and the peripheral clock.
9. Standby Control Register: The standby control register has bits for controlling the power-down
modes. See section 8, Power-Down Modes, for more information.
Note: * SH7708R only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com