Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 182Page - Renesas Technology Corp SH7708 Datasheet HTML 183Page - Renesas Technology Corp SH7708 Datasheet HTML 184Page - Renesas Technology Corp SH7708 Datasheet HTML 185Page - Renesas Technology Corp SH7708 Datasheet HTML 186Page - Renesas Technology Corp SH7708 Datasheet HTML 187Page - Renesas Technology Corp SH7708 Datasheet HTML 188Page - Renesas Technology Corp SH7708 Datasheet HTML 189Page - Renesas Technology Corp SH7708 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 633 page
background image
168
Table 9.5
Range of Usable Frequencies for Each Clock Operating Mode(SH7708R) (cont)
Clock
Mode
FRQCR
PLL1
PLL2
Clock
Rate*
1
(I:B:P)
Input Frequency
Range
CKIO Frequency
Range
7
H'0100
H'0101
H'0102
ON (
× 1)
ON (
× 1)
ON (
× 1)
OFF
OFF
OFF
1:1:1
1:1:1/2
1:1:1/4
16 MHz to 33.3 MHz
16 MHz to 60 MHz
16 MHz to 60 MHz
16 MHz to 33.3 MHz
16 MHz to 60 MHz
16 MHz to 60 MHz
H'0111
H'0112
H'0115
H'0116
ON (
× 2)
ON (
× 2)
ON (
× 2)
ON (
× 2)
OFF
OFF
OFF
OFF
2:1:1
2:1:1/2
1:1:1
1:1:1/2
16 MHz to 33.3 MHz
16 MHz to 50 MHz
16 MHz to 33.3 MHz
16 MHz to 50 MHz
16 MHz to 33.3 MHz
16 MHz to 50 MHz
16 MHz to 33.3 MHz
16 MHz to 50 MHz
H'0122
H'0126
H'012A
ON (
× 4)
ON (
× 4)
ON (
× 4)
OFF
OFF
OFF
4:1:1
2:1:1
1:1:1
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
16 MHz to 25 MHz
H’A100
H’E100
H’E101
ON (
× 3))
ON (
× 3)
ON (
× 3)
OFF
OFF
OFF
3:1:1
1:1:1
1:1:1/2
25 MHz to 33.3 MHz
25 MHz to 33.3 MHz
25 MHz to 33.3 MHz
25 MHz to 33.3 MHz
25 MHz to 33.3 MHz
25 MHz to 33.3 MHz
Notes: 1. Input clock frequency is 1
2. Max frequency : I
φ = 100 MHz, Bφ = (CKIO) = 60 MHz, Pφ = 30 MHz
Cautions:
1. When clock operating modes 3 and 4 are used:
• The on/off state of PLL circuit 1 is set by the frequency control register.
• PLL circuit 1 is initialized to the off state by a power-on reset.
• Always turn PLL circuit 1 off before going into standby mode.
2. The input to divider 1 becomes the output of:
• PLL circuit 1 when PLL circuit 1 is on.
• PLL circuit 2 when PLL circuit 1 is off and PLL circuit 2 is on.
• Divider 3 when PLL circuit 1 is off and PLL circuit 2 is off.
3. The input of divider 2 becomes the output of:
• PLL circuit 1 when the clock operating mode is 0–2 or 7.
• PLL circuit 2 when the clock operating mode is 3 and 4 and PLL circuit 2 is on.
• Divider 3 when the clock operating mode is 3 and 4 and PLL circuit 2 is off.
4. The frequency of the internal clock (I
φ) becomes:
• The product of the frequency of the CKIO pin, the frequency multiplication ratio of
PLL circuit 1, and the division ratio of divider 1 when PLL circuit 1 is on.
• Equal to the frequency of CKIO pin when PLL circuit 1 is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com