Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 186Page - Renesas Technology Corp SH7708 Datasheet HTML 187Page - Renesas Technology Corp SH7708 Datasheet HTML 188Page - Renesas Technology Corp SH7708 Datasheet HTML 189Page - Renesas Technology Corp SH7708 Datasheet HTML 190Page - Renesas Technology Corp SH7708 Datasheet HTML 191Page - Renesas Technology Corp SH7708 Datasheet HTML 192Page - Renesas Technology Corp SH7708 Datasheet HTML 193Page - Renesas Technology Corp SH7708 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 633 page
background image
172
Bits 1 and 0—Peripheral Clock Frequency Division Ratio (PFC1, PFC0): These bits specify the
division ratio of the peripheral clock frequency with respect to the frequency of the output
frequency of PLL circuit 1 or the frequency of the CKIO pin.
Bit 1: PFC1
Bit 0: PFC0
Description
00
× 1
01
× 1/2
10
× 1/4
(Initial value)
1
1
Setting prohibited (do not set)
Note:
Do not set the peripheral clock frequency higher than the frequency of the CKIO pin.
SH7708R:
Bit:
15
14
13
12
11
10
9
8
Bit name:
STC2
IFC2
PFC2
CKOEN
Initial value:
0
0
0
0
0
0
0
1
R/W:
R/W
R/W
R/W
R
R
R
R
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
PLLEN
PSTBY
STC1
STC0
IFC1
IFC0
PFC1
PFC0
Initial value:
0
0
0
0
0
0
1
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 15, 5 and 4—Frequency Multiplication Ratio (STC): These bits specify the frequency
multiplication ratio of PLL circuit 1.
Bit 15: STC2
Bit 5: STC1
Bit 4: STC0
Description
000
× 1
(Initial value)
001
× 2
100
× 3
110
× 4
Note:
Do not set the output frequency of PLL circuit 1 higher than 100MHz.
Bits 14, 3 and 2—Internal Clock Frequency Division Ratio (IFC): These bits specify the frequency
division ratio of the internal clock with respect to the output frequency of PLL circuit 1. When
PLL circuit 1 is off or in standby mode, set
× 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com