Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 191Page - Renesas Technology Corp SH7708 Datasheet HTML 192Page - Renesas Technology Corp SH7708 Datasheet HTML 193Page - Renesas Technology Corp SH7708 Datasheet HTML 194Page - Renesas Technology Corp SH7708 Datasheet HTML 195Page - Renesas Technology Corp SH7708 Datasheet HTML 196Page - Renesas Technology Corp SH7708 Datasheet HTML 197Page - Renesas Technology Corp SH7708 Datasheet HTML 198Page - Renesas Technology Corp SH7708 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 633 page
background image
177
9.8
Overview of the Watchdog Timer (WDT)
9.8.1
Block Diagram of the WDT
Figure 9.4 shows a block diagram of the WDT.
WTCSR
Standby
control
Bus interface
WTCNT
Divider
Clock selector
Clock
Internal bus
Standby
mode
Peripheral
clock
Standby
cancellation
Reset
control
Clock selection
WDT
Overflow
Internal
reset
request
Interrupt
control
Interrupt
request
WTCSR:
WTCNT:
Watchdog timer control/status register
Watchdog timer counter
Figure 9.4 Block Diagram of the WDT
9.8.2
Register Configurations
The WDT has two registers that select the clock, switch the timer mode, and perform other
functions. Table 9.5 shows the WDT register.
Table 9.5
Register Configuration
Name
Abbreviation
R/W
Size
Initial Value
Address
Watchdog timer counter
WTCNT
R/W*
R: byte;
W: word*
H'00
H'FFFFFF84
Watchdog timer
control/status register
WTCSR
R/W*
R: byte;
W: word*
H'00
H'FFFFFF86
Note: * Write with a word access. Write H'5A and H'A5, respectively, in the upper bytes. Byte or
longword writes are not possible. Read with a byte access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com