Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 193Page - Renesas Technology Corp SH7708 Datasheet HTML 194Page - Renesas Technology Corp SH7708 Datasheet HTML 195Page - Renesas Technology Corp SH7708 Datasheet HTML 196Page - Renesas Technology Corp SH7708 Datasheet HTML 197Page - Renesas Technology Corp SH7708 Datasheet HTML 198Page - Renesas Technology Corp SH7708 Datasheet HTML 199Page - Renesas Technology Corp SH7708 Datasheet HTML 200Page - Renesas Technology Corp SH7708 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 633 page
background image
179
Bit 6—Timer Mode Select (WT/
IT): Selects whether to use the WDT as a watchdog timer or an
interval timer.
Bit 6: WT/
IT
Description
0
Use as interval timer
(Initial value)
1
Use as watchdog timer
Note:
If WT/
IT is modified when the WDT is running, the up-count may not be performed correctly.
Bit 5—Reset Select (RSTS): Selects the type of reset when the WTCNT overflows in watchdog
timer mode. In interval timer mode, this setting is ignored.
Bit 5: RSTS
Description
0
Power-on reset
(Initial value)
1
Manual reset
Bit 4—Watchdog Timer Overflow (WOVF): Indicates that the WTCNT has overflowed in
watchdog timer mode. This bit is not set in interval timer mode.
Bit 4: WOVF
Description
0
No overflow
(Initial value)
1
WTCNT has overflowed in watchdog timer mode
Bit 3—Interval Timer Overflow (IOVF): Indicates that the WTCNT has overflowed in interval
timer mode. This bit is not set in watchdog timer mode.
Bit 3: IOVF
Description
0
No overflow
(Initial value)
1
WTCNT has overflowed in interval timer mode
Bits 2 to 0—Clock Select 2–0 (CKS2–CKS0): These bits select the clock to be used for the
WTCNT count from the eight types obtainable by dividing the peripheral clock. The overflow
period in the table is the value when the peripheral clock (P
φ) is 15 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com