Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 196Page - Renesas Technology Corp SH7708 Datasheet HTML 197Page - Renesas Technology Corp SH7708 Datasheet HTML 198Page - Renesas Technology Corp SH7708 Datasheet HTML 199Page - Renesas Technology Corp SH7708 Datasheet HTML 200Page - Renesas Technology Corp SH7708 Datasheet HTML 201Page - Renesas Technology Corp SH7708 Datasheet HTML 202Page - Renesas Technology Corp SH7708 Datasheet HTML 203Page - Renesas Technology Corp SH7708 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 633 page
background image
182
9.10.3
Using Watchdog Timer Mode
1. Set the WT/
IT bit in the WTCSR register to 1, set the reset type in the RSTS bit, set the type of
count clock in the CKS2–CKS0 bits, and set the initial value of the counter in the WTCNT
counter.
2. Set the TME bit in WTCSR to 1 to start the count in watchdog timer mode.
3. While operating in watchdog timer mode, rewrite the counter periodically to H'00 to prevent
the counter from overflowing.
4. When the counter overflows, the WDT sets the WOVF flag in WTCSR to 1 and generates the
type of reset specified by the RSTS bit. The counter then resumes counting.
9.10.4
Using Interval Timer Mode
When operating in interval timer mode, interval timer interrupts are generated at every overflow of
the counter. This enables interrupts to be generated at set periods.
1. Clear the WT/
IT bit in the WTCSR register to 0, set the type of count clock in the CKS2–
CKS0 bits, and set the initial value of the counter in the WTCNT counter.
2. Set the TME bit in WTCSR to 1 to start the count in interval timer mode.
3. When the counter overflows, the WDT sets the IOVF flag in WTCSR to 1 and an interval
timer interrupt request is sent to INTC. The counter then resumes counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com