Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 199Page - Renesas Technology Corp SH7708 Datasheet HTML 200Page - Renesas Technology Corp SH7708 Datasheet HTML 201Page - Renesas Technology Corp SH7708 Datasheet HTML 202Page - Renesas Technology Corp SH7708 Datasheet HTML 203Page - Renesas Technology Corp SH7708 Datasheet HTML 204Page - Renesas Technology Corp SH7708 Datasheet HTML 205Page - Renesas Technology Corp SH7708 Datasheet HTML 206Page - Renesas Technology Corp SH7708 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 633 page
background image
185
CAP2
VCC (PLL2)
VCC (PLL1)
VCC
C1 = 470 pF
C2 = 470 pF
VSS
CAP1
VSS (PLL2)
VSS (PLL1)
Avoid crossing
signal lines
Power supply
Reference values
C2
C1
Figure 9.9 Points for Attention when Using PLL Oscillator Circuit
Power Supply Pin Wiring: To prevent mutual interference between power supply pins V
CC
(PLL1), V
CC (PLL2) and power supply pins VSS (PLL1), VSS (PLL2), use independent wiring
patterns for these two systems, and also other digital V
CC and VSS pins, from the board power
supply source.
External Device Connection: When connecting a device such as synchronous DRAM that
requires timing adjustment, since the AC characteristics are based on the connection of a 30 pF
capacitive load to the CKIO output, the total capacitive load of CKIO should be 30 pF or less. If
the total capacitive load of the CKIO output exceeds 30 pF, a device requiring timing adjustment
should be connected directly to CKIO, while in the case of a device without stringent timing
adjustment requirements, the CKIO output should be received by a buffer to allow the total
capacitive load of the CKIO output to be reduced.
SH-3
CKIO
SDRAM
CKIO total capacitive load
≤ 30 pF
Clock driver
G/A
Figure 9.10 System Connection Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com