Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 198Page - Renesas Technology Corp SH7708 Datasheet HTML 199Page - Renesas Technology Corp SH7708 Datasheet HTML 200Page - Renesas Technology Corp SH7708 Datasheet HTML 201Page - Renesas Technology Corp SH7708 Datasheet HTML 202Page - Renesas Technology Corp SH7708 Datasheet HTML 203Page - Renesas Technology Corp SH7708 Datasheet HTML 204Page - Renesas Technology Corp SH7708 Datasheet HTML 205Page - Renesas Technology Corp SH7708 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 633 page
background image
184
9.11
Notes on Board Design
When Using an External Crystal Resonator: Place the crystal resonator, capacitors CL1 and
CL2, and damping resistor R close to the EXTAL and XTAL pins. To prevent induction from
interfering with correct oscillation, use a common grounding point for the capacitors connected to
the resonator, and do not locate a wiring pattern near these components.
Note: The values for CL1, CL2, and the damping resistance should be determined after
consultation with the crystal manufacturer.
XTAL
EXTAL
SH7708R
R
CL2
CL1
Avoid crossing
signal lines
Figure 9.8 Points for Attention when Using Crystal Resonator
Decoupling Capacitors: As far as possible, insert a laminated ceramic capacitor of 0.01 to 0.1 µF
as a passive capacitor for each V
SS/VCC pair. Mount the passive capacitors as close as possible to
the LSI power supply pins, and use components with a frequency characteristic suitable for the
LSI operating frequency, as well as a suitable capacitance value.
Digital system V
SS/VCC pairs: 6-7, 17-18, 19-20, 30-31, 41-42, 49-50, 54-55, 59-60, 68-69,
82-81,83, 100-102, 115-116, 121-122, 127-128, 144-139
On-chip oscillator V
SS/VCC pairs: 73-75, 76-78, 138-135
When Using a PLL Oscillator Circuit: Keep the wiring from the PLL V
CC and VSS connection
pattern to the power supply pins short, and make the pattern width large, to minimize the
inductance component. Ground the oscillation stabilization capacitors C1 and C2 to V
SS (PLL1)
and V
SS (PLL2), respectively. Place C1 and C2 close to the CAP1 and CAP2 pins and do not
locate a wiring pattern in the vicinity. In clock mode 7, connect the EXTAL pin to V
CC or VSS and
leave the XTAL pin open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com