Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 192Page - Renesas Technology Corp SH7708 Datasheet HTML 193Page - Renesas Technology Corp SH7708 Datasheet HTML 194Page - Renesas Technology Corp SH7708 Datasheet HTML 195Page - Renesas Technology Corp SH7708 Datasheet HTML 196Page - Renesas Technology Corp SH7708 Datasheet HTML 197Page - Renesas Technology Corp SH7708 Datasheet HTML 198Page - Renesas Technology Corp SH7708 Datasheet HTML 199Page - Renesas Technology Corp SH7708 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 633 page
background image
178
9.9
WDT Registers
9.9.1
Watchdog Timer Counter (WTCNT)
The watchdog timer counter (WTCNT) is an 8-bit read/write counter that increments on the
selected clock. When an overflow occurs, it generates a reset in watchdog timer mode and an
interrupt in interval time mode. Its address is H'FFFFFF84. The WTCNT counter is initialized to
H'00 only by a power-on reset through the RESET pin. Use a word access to write to the WTCNT
counter, with H'5A in the upper byte. Use a byte access to read WTCNT.
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
9.9.2
Watchdog Timer Control/Status Register (WTCSR)
The watchdog timer control/status register (WTCSR) is an 8-bit read/write register composed of
bits to select the clock used for the count, bits to select the timer mode, and overflow flags. Its
address is H'FFFFFF86. The WTCSR register is initialized to H'00 only by a power-on reset
through the RESET pin. When a WDT overflow causes an internal reset, the WTCSR retains its
value. When used to count the clock settling time for canceling a standby, it retains its value after
counter overflow. Use a word access to write to the WTCSR counter, with H'A5 in the upper byte.
Use a byte access to read WTCSR.
Bit:
7
6
5
4
3
2
1
0
TME
WT/
IT
RSTS
WOVF
IOVF
CKS2
CKS1
CKS0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7—Timer Enable (TME): Starts and stops timer operation. Clear this bit to 0 when using the
WDT in standby mode or when changing the clock frequency.
Bit 7: TME
Description
0
Timer disabled: Count-up stops and WTCNT value is retained
(Initial value)
1
Timer enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com