Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 215Page - Renesas Technology Corp SH7708 Datasheet HTML 216Page - Renesas Technology Corp SH7708 Datasheet HTML 217Page - Renesas Technology Corp SH7708 Datasheet HTML 218Page - Renesas Technology Corp SH7708 Datasheet HTML 219Page - Renesas Technology Corp SH7708 Datasheet HTML 220Page - Renesas Technology Corp SH7708 Datasheet HTML 221Page - Renesas Technology Corp SH7708 Datasheet HTML 222Page - Renesas Technology Corp SH7708 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 633 page
background image
201
Bit 12: HIZCNT
Description
0
RAS and CAS signals become high-impedance (High-Z) in standby mode
and in bus-released state.
(Initial value)
1
RAS and CAS signals drive in standby mode and in bus-released state.
Bit 11—Endian Flag (ENDIAN): Samples the value of the external pin designating endian upon a
power-on reset. Endian for all physical spaces is decided by this bit, which is read-only.
Bit 11: ENDIAN
Description
0
(On reset) Endian setting external pin (MD5) is low. Indicates the SH7708
Series is set as big-endian.
1
(On reset) Endian setting external pin (MD5) is high. Indicates the SH7708
Series is set as little-endian.
Bits 10 and 9—Area 0 Burst ROM Control (A0BST1, A0BST0): These bits specify whether to
use burst ROM in physical space area 0. When burst ROM is used, they set the number of burst
transfers.
Bit 10: A0BST1
Bit 9: A0BST0
Description
0
0
Access area 0 as normal memory.
(Initial value)
1
Access area 0 as burst ROM (4 consecutive accesses).
Can be used when bus width is 8, 16, or 32.
1
0
Access area 0 as burst ROM (8 consecutive accesses).
Can be used only when bus width is 8 or 16.
1
Access area 0 as burst ROM (16 consecutive
accesses). Can be used only when bus width is 8.
Bits 8 and 7—Area 5 Burst Enable (A5BST1, A5BST0): These bits specify whether to use burst
ROM and PCMCIA burst mode in physical space area 5. When burst ROM and PCMCIA burst
mode are used, they set the number of burst transfers.
Bit 8: A5BST1
Bit 7: A5BST0
Description
0
0
Access area 5 as normal memory.
(Initial value)
1
Burst access of area 5 (4 consecutive accesses). Can
be used when bus width is 8, 16, or 32.
1
0
Burst access of area 5 (8 consecutive accesses). Can
be used only when bus width is 8 or 16.
1
Burst access of area 5 (16 consecutive accesses). Can
be used only when bus width is 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com