Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 218Page - Renesas Technology Corp SH7708 Datasheet HTML 219Page - Renesas Technology Corp SH7708 Datasheet HTML 220Page - Renesas Technology Corp SH7708 Datasheet HTML 221Page - Renesas Technology Corp SH7708 Datasheet HTML 222Page - Renesas Technology Corp SH7708 Datasheet HTML 223Page - Renesas Technology Corp SH7708 Datasheet HTML 224Page - Renesas Technology Corp SH7708 Datasheet HTML 225Page - Renesas Technology Corp SH7708 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 633 page
background image
204
Bit 2n + 1: AnSZ1
Bit 2n: AnSZ0
Bit 0: PORTEN
Description
0
0
0
Reserved (not settable)
1
Byte (8-bit) size
1
0
Word (16-bit) size
1
Longword (32-bit) size
(Initial value)
0
0
1
Reserved (not settable)
1
Byte (8-bit) size
1
0
Word (16-bit) size
1
Reserved (not settable)
Bit 0—Port Function Enable (PORTEN): Designates whether to use the D23–D16 pins as an 8-bit
port. When using this function set the bus widths to word or byte in all areas.
Bit 0: PORTEN
Description
0
D23–D16 are not used as a port.
(Initial value)
1
D23–D16 are used as a port.
10.2.3
Wait State Control Register 1 (WCR1)
Wait state control register 1 (WCR1) is a 16-bit read/write register that specifies the number of
idle (wait) state cycles inserted for each area. For some memories, the drive of the data bus may
not be turned off quickly even when the read signal from the external device is turned off. This
can result in conflicts between data buses when consecutive memory accesses are to different
memories or when a write immediately follows a memory read. The SH7708 Series automatically
inserts idle states equal to the number set in WCR1 in those cases.
WCR1 is initialized to H'3FFF by a power-on reset. It is not initialized by a manual reset or in
standby mode, but retains its contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com