Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 220Page - Renesas Technology Corp SH7708 Datasheet HTML 221Page - Renesas Technology Corp SH7708 Datasheet HTML 222Page - Renesas Technology Corp SH7708 Datasheet HTML 223Page - Renesas Technology Corp SH7708 Datasheet HTML 224Page - Renesas Technology Corp SH7708 Datasheet HTML 225Page - Renesas Technology Corp SH7708 Datasheet HTML 226Page - Renesas Technology Corp SH7708 Datasheet HTML 227Page - Renesas Technology Corp SH7708 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 633 page
background image
206
10.2.4
Wait State Control Register 2 (WCR2)
Wait state control register 2 (WCR2) is a 16-bit read/write register that specifies the number of
wait state cycles inserted for each area. It also specifies the pitch of data access for burst memory
accesses. This allows direct connection of even low-speed memories without an external circuit.
WCR2 is initialized to H'FFFF by a power-on reset. It is not initialized by a manual reset or in
standby mode, but retains its contents.
Bit:
15
14
13
12
11
10
9
8
Bit name:
A6W2
A6W1
A6W0
A5W2
A5W1
A5W0
A4W2
A4W1
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
A4W0
A3W1
A3W0
A1-2W1 A1-2W0
A0W2
A0W1
A0W0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 15 to 13—Area 6 Wait Control (A6W2, A6W1, A6W0): These bits specify the number of
wait states inserted in physical space area 6. They also specify the burst pitch for burst transfer.
Description
First Cycle
Burst Cycle
(Excluding First Cycle)
Bit 15:
A6W2
Bit 14:
A6W1
Bit 13:
A6W0
Inserted
Wait States
WAIT Pin
Number of States
Per Data Transfer
WAIT Pin
0
0
0
0
Ignored
2
Enabled
1
1
Enabled
2
Enabled
1
0
2
Enabled
3
Enabled
1
3
Enabled
4
Enabled
1
0
0
4
Enabled
4
Enabled
1
6
Enabled
6
Enabled
1
0
8
Enabled
8
Enabled
1
10 (Initial value) Enabled
10
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com