Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 224Page - Renesas Technology Corp SH7708 Datasheet HTML 225Page - Renesas Technology Corp SH7708 Datasheet HTML 226Page - Renesas Technology Corp SH7708 Datasheet HTML 227Page - Renesas Technology Corp SH7708 Datasheet HTML 228Page - Renesas Technology Corp SH7708 Datasheet HTML 229Page - Renesas Technology Corp SH7708 Datasheet HTML 230Page - Renesas Technology Corp SH7708 Datasheet HTML 231Page - Renesas Technology Corp SH7708 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 633 page
background image
210
and pseudo-SRAM, specifies address multiplexing, and controls refresh. This enables direct
connection of DRAM, synchronous DRAM and pseudo-SRAM without external circuits.
MCR is initialized to H'0000 by a power-on reset, but is not initialized by a manual reset or in
standby mode. Bits TPC1–TPC0, RCD1–RCD0, TRWL1–TRWL0, TRAS1–TRAS0, BE, SZ,
AMX1–AMX0, and EDOMODE are written to in the initialization after a power-on reset and are
not then modified again. When RFSH and RMODE are written to, write the same values to the
other bits. When using DRAM, pseudo-SRAM, and synchronous DRAM, do not access areas 2
and 3 until this register is initialized.
Bit:
15
14
13
12
11
10
9
8
Bit name:
TPC1
TPC0
RCD1
RCD0
TRWL1
TRWL0
TRAS1
TRAS0
00
00
000
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
—
BE
SZ
AMX1
AMX0
RFSH
RMODE
EDO
MODE
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 15 and 14—RAS Precharge Time (TPC1, TPC0): When DRAM interface is selected as
connected memory, the TPC bits set the minimum number of cycles until the next
RAS assertion
after
RAS negation. When synchronous DRAM interface is selected, they set the minimum
number of cycles until output of the next bank-active command after precharge. When pseudo-
SRAM interface is selected, they set the minimum number of cycles until the next
CE assertion
after
CE negation.
Description
Bit 15: TPC1
Bit 14: TPC0
Normally
Immediately after Self-Refresh
0
0
1 cycle (Initial value)
2 cycles (Initial value)
1
2 cycles
5 cycles
1
0
3 cycles
8 cycles
1
4 cycles
11 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com