Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 226Page - Renesas Technology Corp SH7708 Datasheet HTML 227Page - Renesas Technology Corp SH7708 Datasheet HTML 228Page - Renesas Technology Corp SH7708 Datasheet HTML 229Page - Renesas Technology Corp SH7708 Datasheet HTML 230Page - Renesas Technology Corp SH7708 Datasheet HTML 231Page - Renesas Technology Corp SH7708 Datasheet HTML 232Page - Renesas Technology Corp SH7708 Datasheet HTML 233Page - Renesas Technology Corp SH7708 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 633 page
background image
212
Bit 5—Memory Data Size (SZ): Specifies the memory data bus size for DRAM, synchronous
DRAM, and pseudo-SRAM. Always set this bit to 1 when synchronous DRAM is used. Takes
precedence over the BCR2 register designation.
Bit 5: SZ
Description
0
Word (16-bit)
(Initial value)
1
Longword (32-bit)
Bits 4 and 3—Address Multiplex (AMX1, AMX0): These bits specify address multiplexing for
DRAM and synchronous DRAM. The actual address shift value differs between DRAM interface
and synchronous DRAM interface.
For DRAM Interface:
Bit 4: AMX1
Bit 3: AMX0
Description
0
0
8-bit column address product
(Initial value)
1
9-bit column address product
1
0
10-bit column address product
1
11-bit column address product
For Synchronous DRAM Interface:
Bit 4: AMX1
Bit 3: AMX0
Description
0
0
16-Mbit product (1M
× 16 bits)
(Initial value)
1
16-Mbit product (2M
× 8 bits)
1
0
16-Mbit product (4M
× 4 bits)
1
4-Mbit product (256k
× 16 bits)
Bit 2—Refresh Control (RFSH): Determines whether or not refreshing of DRAM, synchronous
DRAM, and pseudo-SRAM is performed. The timer for generation of the refresh request
frequency can also be used as an interval timer.
Bit 2: RFSH
Description
0
No refresh
(Initial value)
1
Refresh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com