Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 229Page - Renesas Technology Corp SH7708 Datasheet HTML 230Page - Renesas Technology Corp SH7708 Datasheet HTML 231Page - Renesas Technology Corp SH7708 Datasheet HTML 232Page - Renesas Technology Corp SH7708 Datasheet HTML 233Page - Renesas Technology Corp SH7708 Datasheet HTML 234Page - Renesas Technology Corp SH7708 Datasheet HTML 235Page - Renesas Technology Corp SH7708 Datasheet HTML 236Page - Renesas Technology Corp SH7708 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 633 page
background image
215
Bits 9 and 8—CAS-Before-RAS Refresh RAS Assert Time (TRAS1, TRAS0): These bits set the
RAS assert period for CAS-before-RAS refreshing of the DRAM connected to area 2.
In the SH7708, set the same values in the TRAS bits in MCR and DCR.
Bit 9: TRAS1
Bit 8: TRAS0
Description
0
0
2 cycles
(Initial value)
1
3 cycles
1
0
4 cycles
1
5 cycles
Bit 6—Burst Enable (BE): Specifies whether to conduct a burst access of the DRAM connected to
area 2.
Bit 6: BE
Description
0
Burst disabled
(Initial value)
1
High-speed page mode access
Bits 4 and 3—Address Multiplex (AMX1, AMX0): These bits specify address multiplexing for
the DRAM connected to area 2.
Bit 4: AMX1
Bit 3: AMX0
Description
0
0
8-bit column address product
(Initial value)
1
9-bit column address product
1
0
10-bit column address product
1
11-bit column address product
Bit 2—Refresh Control (RFSH): Determines whether or not refreshing of the DRAM connected to
area 2 is performed.
Bit 2: RFSH
Description
0
No refresh
(Initial value)
1
Refresh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com