Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 233Page - Renesas Technology Corp SH7708 Datasheet HTML 234Page - Renesas Technology Corp SH7708 Datasheet HTML 235Page - Renesas Technology Corp SH7708 Datasheet HTML 236Page - Renesas Technology Corp SH7708 Datasheet HTML 237Page - Renesas Technology Corp SH7708 Datasheet HTML 238Page - Renesas Technology Corp SH7708 Datasheet HTML 239Page - Renesas Technology Corp SH7708 Datasheet HTML 240Page - Renesas Technology Corp SH7708 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 633 page
background image
219
Bit 7—Compare Match Flag (CMF): Status flag that indicates that the values of RTCNT and
RTCOR match.
Bit 7: CMF
Description
0
The values of RTCNT and RTCOR do not match.
Clearing condition: When a refresh is performed after 0 has been written in
CMF and RFSH = 1 and RMODE = 0 (to perform a CBR refresh).
(Initial value)
1
The values of RTCNT and RTCOR match.
Setting condition: RTCNT = RTCOR*
Note: * Contents do not change when 1 is written to CMF.
Bit 6—Compare Match Interrupt Enable (CMIE): Enables or disables an interrupt request caused
when the CMF bit in RTCSR is set to 1. Do not set this bit to 1 when using CAS-before-RAS
refreshing or auto-refreshing.
Bit 6: CMIE
Description
0
Disables the interrupt request caused by CMF
(Initial value)
1
Enables the interrupt request caused by CMF
Bits 5 to 3—Clock Select Bits (CKS2–CKS0): These bits select the clock input to RTCNT. The
source clock is the external bus clock (CKIO). The RTCNT count clock is CKIO scaled by the
specified ratio.
Bit 5: CKS2
Bit 4: CKS1
Bit 3: CKS0
Description
0
0
0
Disables clock input
(Initial value)
1
Bus clock (CKIO)/4
1
0
CKIO/16
1
CKIO/64
1
0
0
CKIO/256
1
CKIO/1024
1
0
CKIO/2048
1
CKIO/4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com