Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 234Page - Renesas Technology Corp SH7708 Datasheet HTML 235Page - Renesas Technology Corp SH7708 Datasheet HTML 236Page - Renesas Technology Corp SH7708 Datasheet HTML 237Page - Renesas Technology Corp SH7708 Datasheet HTML 238Page - Renesas Technology Corp SH7708 Datasheet HTML 239Page - Renesas Technology Corp SH7708 Datasheet HTML 240Page - Renesas Technology Corp SH7708 Datasheet HTML 241Page - Renesas Technology Corp SH7708 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 633 page
background image
220
Bit 2—Refresh Count Overflow Flag (OVF): Status flag that indicates when the number of refresh
requests indicated in the refresh count register (RFCR) exceeds the limit set in the LMTS bit in
RTCSR.
Bit 2: OVF
Description
0
RFCR has not exceeded the count limit value set in LMTS
Clearing Condition: When 0 is written to OVF
(Initial value)
1
RFCR has exceeded the count limit value set in LMTS
Setting Condition: When the RFCR value has exceeded the count limit value
set in LMTS*
Note:
Contents do not change when 1 is written to OVF.
Bit 1—Refresh Count Overflow Interrupt Enable (OVIE): Selects whether to suppress generation
of interrupt requests by OVF when the OVF bit of RTCSR is set to 1.
Bit 1: OVIE
Description
0
Disables interrupt requests caused by OVF
(Initial value)
1
Enables interrupt requests caused by OVF
Bit 0—Refresh Count Overflow Limit Select (LMTS): Indicates the count limit value to be
compared to the number of refreshes indicated in the refresh count register (RFCR). When the
value RFCR exceeds the value specified by LMTS, the OVF flag is set.
Bit 0: LMTS
Description
0
Count limit value is 1024
(Initial value)
1
Count limit value is 512
10.2.10
Refresh Timer Counter (RTCNT)
RTCNT is a 16-bit read/write register containing an 8-bit counter that counts up on an input clock.
The clock select bits (CKS2–CKS0) in RTCSR select the input clock. When RTCNT matches
RTCOR, the OVF bit in RTCSR is set and RTCNT is cleared. RTCNT is initialized to H'00 by a
power-on reset; it continues incrementing after a manual reset; it is not initialized in standby
mode, but retains its contents.
Note:
The method for writing to RTCOR is different from that for general registers to prevent
inadvertent overwriting. Using a word transfer instruction, place B'10100101 in the upper
byte and the write data in the lower byte. For details, see section 10.2.13, Cautions on
Accessing Refresh Control Related Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com