Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 236Page - Renesas Technology Corp SH7708 Datasheet HTML 237Page - Renesas Technology Corp SH7708 Datasheet HTML 238Page - Renesas Technology Corp SH7708 Datasheet HTML 239Page - Renesas Technology Corp SH7708 Datasheet HTML 240Page - Renesas Technology Corp SH7708 Datasheet HTML 241Page - Renesas Technology Corp SH7708 Datasheet HTML 242Page - Renesas Technology Corp SH7708 Datasheet HTML 243Page - Renesas Technology Corp SH7708 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 633 page
background image
222
by the LMTS bit in RTCSR, the OVF bit in RTCSR is set and RFCR is cleared. RFCR is
initialized to H'0000 by a power-on reset. It is not initialized by a manual reset or in standby
mode, but retains its contents.
Note:
The method for writing to RFCR is different from that for general registers to prevent
inadvertent overwriting. Using a word transfer instruction, place B'101001 in the top 6 bits
of the upper byte, and the write data in the remaining bits. For details, see section 10.2.13,
Cautions on Accessing Refresh Control Related Registers.
Bit:
15
14
13
12
11
10
9
8
Bit name:
—
—
—
—
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
10.2.13
Cautions on Accessing Refresh Control Related Registers
RFCR, RTCSR, RTCNT, and RTCOR require that a specific code be appended to the data when it
is written to prevent data from being mistakenly overwritten by program overruns or other write
operations (figure 10.5). Perform reads and writes using the following methods:
1. When writing to RFCR, RTCSR, RTCNT, or RTCOR, use only word transfer instructions.
Byte transfer instructions cannot be used. When writing to RTCNT, RTCSR, or RTCOR, place
B'10100101 in the upper byte and the write data in the lower byte. When writing to RFCR,
place B'101001 in the top 6 bits and the write data in the remaining bits, as shown in figure
10.5.
2. When reading from RFCR, RTCSR, RTCNT, or RTCOR, use a 16-bit access. 0 is read from
undefined bits.
15
10
8
RTCSR, RTCNT,
RTCOR
0
RFCR
7
10
01
01
15
10
10
0
9
1
0
0
1
Write data
Write data
Figure 10.5 Writing to RFCR, RTCSR, RTCNT, and RTCOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com